Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4937RL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4937RL/NOPB
Description  Audio Sub-System with OCL Stereo Headphone Output and RF Suppression
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4937RL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4937RL/NOPB Datasheet HTML 1Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 2Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 3Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 4Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 5Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 6Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 7Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 8Page - Texas Instruments LM4937RL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
LM4937
www.ti.com
SNAS369J – OCTOBER 2006 – REVISED MAY 2013
LM4937
Audio Sub-System with OCL Stereo Headphone
Output and RF Suppression
Check for Samples: LM4937
1
FEATURES
DESCRIPTION
The LM4937 is an integrated audio sub-system
234
•
18-Bit Stereo DAC
designed for mono voice, stereo music cell phones
•
Multiple Distinct Output Modes
connecting to base band processors with mono
•
Mono Speaker Amplifier
differential analog voice paths. Operating on a 3.3V
supply,
it
combines
a
mono
speaker
amplifier
•
Stereo Headphone Amplifier
delivering
520mW
into
an
8
Ω
load,
a
stereo
•
Mono Earpiece Amplifier
headphone amplifier delivering 36mW per channel
•
Differential Mono Analog Input
into a 32
Ω load, and a mono earpiece amplifier
delivering 55mW into a 32
Ω load. It integrates the
•
Independent Loudspeaker, Headphone and
audio amplifiers, volume control, mixer, and power
Mono Earpiece Volume Controls
management control all into a single package. In
•
I2C/SPI (Selectable) Compatible Interface
addition, the LM4937 routes and mixes the single-
•
Ultra Low Shutdown Current
ended stereo and differential mono inputs into
multiple distinct output modes. The LM4937 features
•
Click and Pop Suppression Circuit
an I2S serial interface for full range audio and an I2C
™or SPI compatible interface for control. The full
APPLICATIONS
range music path features an SNR of 85dB with a
•
Cell Phones
192kHz playback.
•
PDAs
Boomer™ audio power amplifiers are designed
specifically to provide high quality output power with a
KEY SPECIFICATIONS
minimal amount of external components.
•
POUT, BTL, 8Ω, 3.3V, 1%: 520 mW (typ)
•
POUT H/P, 32Ω, 3.3V, 1%: 36 mW (typ)
•
POUT Mono Earpiece, 32Ω, 1%: 55 mW (typ)
•
Shutdown current: 0.6µA (typ)
•
SNR (DAC + Amplifier): 85 dB (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
I2C is a trademark of NXP.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4937RL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
logo
Texas Instruments
LM49370 TI1-LM49370 Datasheet
2Mb / 90P
Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370RL NSC-LM49370RL Datasheet
2Mb / 100P
Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM49370RL/NOPB TI1-LM49370RL/NOPB Datasheet
2Mb / 89P
Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
More results

Similar Description - LM4937RL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com