Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7709MT/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7709MT/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7709MT/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMP7709MT/NOPB Datasheet HTML 14Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 15Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 16Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 17Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 18Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 19Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 20Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 21Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
10
1k
100k
10M
RS (:)
0.1
1
10
1000
1M
10k
100
100
eni
en
ei
et
eni =
en +
2
ei +
2
et
2
LMP7707, LMP7708, LMP7709
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
www.ti.com
where
•
eni is the total noise on the input
•
en denotes the input referred voltage noise
•
ei is the voltage drop across source resistance due to input referred current noise or ei = RS * in
•
et is the thermal noise of the source resistance
(1)
The input current noise of the LMP7707/LMP7708/LMP7709 is so low that it will not become the dominant factor
in the total noise unless source resistance exceeds 300 M
Ω, which is an unrealistically high value.
As is evident in Figure 48, at lower RS values, the total noise is dominated by the amplifier’s input voltage noise.
Once RS is larger than a few kilo-Ohms, then the dominant noise factor becomes the thermal noise of RS. As
mentioned before, the current noise will not be the dominant noise factor for any practical application.
Figure 48. Total Input Noise
HIGH IMPEDANCE SENSOR INTERFACE
Many sensors have high source impedances that may range up to 10 M
Ω. The output signal of sensors often
needs to be amplified or otherwise conditioned by means of an amplifier. The input bias current of this amplifier
can load the sensor’s output and cause a voltage drop across the source resistance as shown in Figure 49,
where VIN + = VS – IBIAS*RS
The last term, IBIAS*RS, shows the voltage drop across RS. To prevent errors introduced to the system due to this
voltage, an op amp with very low input bias current must be used with high impedance sensors. This is to keep
the error contribution by IBIAS*RS less than the input voltage noise of the amplifier, so that it will not become the
dominant noise factor. The LMP7707/LMP7708/LMP7709 have very low input bias current, typically 200 fA.
18
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com