Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7709MT/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7709MT/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7709MT/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP7709MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 9Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 10Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 11Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 12Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 13Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 14Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 15Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
0
20
40
60
80
100
0
1
2
(V
+
) -2
(V
+
) -1
V
+
OUTPUT CURRENT (mA)
|
|
VS = 3V, 5V, 10V
TA = -40°C, 25°C, 125C
3V
SUPPLY VOLTAGE (V)
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2
4
6
8
10
12
RISING EDGE
FALLING EDGE
AV = +10
VIN = 200 mV
RL = 10 k:
CL = 10 pF
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2
4
6
8
10
12
0
20
40
60
80
100
120
SUPPLY VOLTAGE (V)
125°C
-40°C
25°C
2
4
6
8
10
12
0
20
40
60
80
100
120
SUPPLY VOLTAGE (V)
125°C
-40°C
25°C
FREQUENCY (Hz)
120
100
80
60
40
20
10
100
1k
10k
100k
1M
-PSRR VS = 10V
+PSRR VS = 3V
+PSRR VS = 5V
+PSRR VS = 10V
-PSRR VS = 3V
-PSRR VS = 5V
AV = +10
2
4
6
8
10
12
0
0.2
0.4
0.6
0.8
1
1.2
SUPPLY VOLTAGE (V)
125°C
-40°C
25°C
LMP7707, LMP7708, LMP7709
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, VCM = VS/2, RL > 10 kΩ connected to (V
++V−)/2
Supply Current vs.
PSRR vs. Frequency
Supply Voltage (Per Channel)
Figure 24.
Figure 25.
Sinking Current vs. Supply Voltage
Sourcing Current vs. Supply Voltage
Figure 26.
Figure 27.
Output Voltage vs. Output Current
Slew Rate vs. Supply Voltage
Figure 28.
Figure 29.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com