Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7709MT/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7709MT/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7709MT/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMP7709MT/NOPB Datasheet HTML 19Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 20Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 21Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 22Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 23Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 24Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 25Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 26Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
VX
R1
+
RF
VOUT - VX
=
RC
VX - VIN
(VIN ± VX) G = VOUT
-
+
RF
VOUT
R1
RC
VX
VIN
AOL
Gmin = 20 dB
f1
f2
1 +
= 6 dB
RF
RF
LMP7707, LMP7708, LMP7709
www.ti.com
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
Proper selection of the value of RC results in the shifting of the 1/F function to GMIN or greater, thus fulfilling the
condition for circuit stability. The compensation technique of reducing the loop gain may be used to stabilize the
circuit for the values given in the previous example, that is GMIN = 20 dB and RF = R1 = 2 kΩ. A resistor value of
250
Ω applied between the amplifier inputs shifts the 1/F curve to the value GMIN (20 dB) as shown by the
dashed line in Figure 55. This results in overall stability for the circuit. This figure shows a combination of the
open and closed loop gain and the inverse feedback function.
This example, represented by Figure 52 and Figure 53, is generic in the sense that the GMIN as specified did not
distinguish between inverting and non-inverting configurations.
Figure 55. Compensation with Reduced Loop Gain
The technique of reducing loop gain to stabilize a decompensated op amp circuit will be illustrated using the non-
inverting input configuration shown in Figure 56.
Figure 56. Closed Loop Gain Analysis with RC
The effect of the choice of resistor RC in Figure 56 on the closed loop gain can be analyzed in the following
manner:
Assume the voltage at the inverting input of the op amp is VX. Then,
where
•
G is the open loop gain of the op amp
(10)
(11)
Combining Equation 10, Equation 11, and Equation 9 produces the following equation for closed loop gain,
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com