Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7709MT/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7709MT/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7709MT/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMP7709MT/NOPB Datasheet HTML 15Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 16Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 17Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 18Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 19Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 20Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 21Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 22Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
Gain LMP7701
Phase LMP7701
100
80
60
40
20
0
-20
80
100
120
140
160
180
200
SENSOR
V
+
V
-
RS
+
-
IB
VIN+
VS
+
-
R1
R2
LMP7707, LMP7708, LMP7709
www.ti.com
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
Figure 49. Noise Due to IBIAS
USAGE OF DECOMPENSATED AMPLIFIERS
This section discusses the differences between compensated and decompensated op amps and presents the
advantages of decompensated amplifiers. In high gain applications decompensated amplifiers can be used
without any changes compared to standard amplifiers. However, for low gain applications special frequency
compensation measures have to be taken to ensure stability.
Feedback circuit theory is discussed in detail, in particular as it applies to decompensated amplifiers. Bode plots
are presented for a graphical explanation of stability analysis. Two solutions are given for creating a feedback
network for decompensated amplifiers when relatively low gains are required: A simple resistive feedback
network and a more advanced frequency dependent feedback network with improved noise performance. Finally,
a design example is presented resulting in a practical application. The results are compared to fully compensated
amplifiers (Texas Instruments LMP7701/LMP7702/LMP7704).
COMPENSATED AMPLIFIERS
A (fully) compensated op amp is designed to operate with good stability down to gains of ±1. For this reason, the
compensated op amp is also called a unity gain stable op amp.
Figure 50 shows the Open Loop Response of a compensated amplifier.
Figure 50. Open Loop Frequency Response Compensated Amplifier (LMP7701)
This amplifier is unity gain stable, because the phase shift is still < 180°, when the gain crosses 0 dB (unity gain).
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com