Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7709MT/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7709MT/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7709MT/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LMP7709MT/NOPB Datasheet HTML 23Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 24Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 25Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 26Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 27Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 28Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 29Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 30Page - Texas Instruments LMP7709MT/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
C =
1
2SfRC
fP =
= 240 kHz
1
2SRCC
RP + R1//RF = 2 RC
= (1 +
)(1 +
)
f =
ñ
F
RF
RP + R1//RF
R1
RC
1
= 6 V/V
LMP7707, LMP7708, LMP7709
www.ti.com
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
This method uses bode plot approximation. Some fine-tuning may be needed to get the best results.
Calculations:
As described in Step 1, use Equation 17:
(18)
Now substitute RF/R1 = 1 into the equation above since this is a unity gain, inverting amplifier, then
(19)
According to Step 2 use Equation 14:
(20)
which leads to:
(21)
Choose a value of RF that is below 2 kΩ, in order to minimize the possibility of shunt capacitance across high
value resistors producing a negative effect on high frequency operation. If RF = R1 = 1 kΩ, then RF // R1 = 500 Ω.
For simplicity, choose RP = 0 Ω . The value of RC is derived from Equation 19 and has a value of RC = 250 Ω.
This is not a standard value. A value of RC = 330 Ω is a first choice (using 10% tolerance components).
The value of capacitor C is 2.2 nF. This value is significantly higher than the parasitic capacitances associated
with passive components and board layout, and is therefore a good solution.
Bench results:
For bench evaluation the LMP7707 in an inverting configuration has been verified under three different
conditions:
•
Uncompensated
•
Lead-lag compensation resulting in a phase margin of 45°
•
Lead lag overcompensation resulting in a phase margin larger than 45°
The calculated components for these three conditions are
Condition
RC
C
Uncompensated
NA
NA
Compensated
330
Ω
2.2 nF
Overcompensated
240
Ω
3.3 nF
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com