Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272AMFKB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMFKB Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC2272AMFKB Datasheet HTML 12Page - Texas Instruments TLC2272AMFKB Datasheet HTML 13Page - Texas Instruments TLC2272AMFKB Datasheet HTML 14Page - Texas Instruments TLC2272AMFKB Datasheet HTML 15Page - Texas Instruments TLC2272AMFKB Datasheet HTML 16Page - Texas Instruments TLC2272AMFKB Datasheet HTML 17Page - Texas Instruments TLC2272AMFKB Datasheet HTML 18Page - Texas Instruments TLC2272AMFKB Datasheet HTML 19Page - Texas Instruments TLC2272AMFKB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
3
2
1
0
1
2
3
4
5
4
5
|IO| − Output Current − mA
TA = − 55°C
TA = 25°C
TA = 125°C
VDD ± = ± 5 V
0
1
2
3
4
5
6
IO − Output Current − mA
VDD = ± 5 V
VIC = 0 V
TA = 125°C
TA = 25°C
TA = − 55°C
− 3.8
− 4
− 4.2
− 4.4
− 4.6
− 4.8
− 5
IOL − Low-Level Output Current − mA
0.6
0.4
0.2
0
0
1
2
3
0.8
4
1
1.2
5
6
1.4
VDD = 5 V
VIC = 2.5 V
TA = 125°C
TA = 25°C
TA = − 55°C
0.6
0.4
0.2
0
0
1
2
3
0.8
4
5
VDD = 5 V
TA = 25°C
IOL − Low-Level Output Current − mA
VIC = 1.25 V
1
1.2
VIC = 2.5 V
VIC = 0 V
IOH − High-Level Output Current − mA
4
2
1
0
6
3
0
1
2
3
4
5
VDD = 5 V
TA = 125°C
TA = − 55°C
TA = 25°C
−75
− 25
0
25
50
75
100
125
2
1
0
−1
3
4
5
TA − Free-Air Temperature − °C
|VIO| ≤ 5 mV
VDD = 5 V
− 50
16
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Figure 13. Input Voltage vs Free-Air Temperature
Figure 14. High-Level Output Voltage vs
High-Level Output Current
Figure 15. Low-Level Output Voltage vs
Low-Level Output Current
Figure 16. Low-Level Output Voltage vs
Low-Level Output Current
Figure 17. Maximum Positive Peak Output Voltage vs
Output Current
Figure 18. Maximum Positive Peak Output Voltage vs
Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com