Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272AMFKB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMFKB Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLC2272AMFKB Datasheet HTML 21Page - Texas Instruments TLC2272AMFKB Datasheet HTML 22Page - Texas Instruments TLC2272AMFKB Datasheet HTML 23Page - Texas Instruments TLC2272AMFKB Datasheet HTML 24Page - Texas Instruments TLC2272AMFKB Datasheet HTML 25Page - Texas Instruments TLC2272AMFKB Datasheet HTML 26Page - Texas Instruments TLC2272AMFKB Datasheet HTML 27Page - Texas Instruments TLC2272AMFKB Datasheet HTML 28Page - Texas Instruments TLC2272AMFKB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
OUT
+
−
+
−
+
−
+
−
+
−
+
−
+
−
+
−
+
−
.SUBCKT TLC227x 1 2 3 4 5
C1
11
1214E−12
C2
6
760.00E−12
DC
5
53DX
DE
54
5DX
DLP
90
91DX
DLN
92
90DX
DP
4
3DX
EGND
99
0POLY (2) (3,0) (4,) 0 .5 .5
FB
99
0POLY (5) VB VC VE VLP VLN 0
+ 984.9E3 −1E6 1E6 1E6 −1E6
GA
6
011 12 377.0E−6
GCM 0 6 10 99 134E−9
ISS
3
10DC 216.OE−6
HLIM
90
0VLIM 1K
J1
11
210 JX
J2
12
110 JX
R2
6
9100.OE3
RD1
60
112.653E3
RD2
60
122.653E3
R01
8
550
R02
7
9950
RP
3
44.310E3
RSS
10
99925.9E3
VAD
60
4−.5
VB
9
0DC 0
VC 3 53 DC .78
VE
54
4DC .78
VLIM
7
8DC 0
VLP
91
0DC 1.9
VLN
0
92DC 9.4
.MODEL DX D (IS=800.0E−18)
.MODEL JX PJF (IS=1.500E−12BETA=1.316E-3
+ VTO=−.270)
.ENDS
VCC +
RP
IN −
2
IN +
1
VCC −
VAD
RD1
11
J1
J2
10
RSS
ISS
3
12
RD2
60
VE
54
DE
DP
VC
DC
4
C1
53
R2
6
9
EGND
VB
FB
C2
GCM
GA
VLIM
8
5
RO1
RO2
HLIM
90
DIP
91
DIN
92
VIN
VIP
99
7
25
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
www.ti.com
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
(1)
Macromodeling of Integrated Circuit Operational Amplifiers, IEEE Journal of Solid-State Circuits, SC-9, 353 (1974).
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Macromodel Information
Macromodel information provided was derived using MicroSim Parts™, the model generation software used with
MicroSim PSpice™. The Boyle macromodel (1) and subcircuit in Figure 59 were generated using the TLC227x
typical electrical and operating characteristics at TA = 25°C. Using this information, output simulations of the
following key parameters can be generated to a tolerance of 20% (in most cases):
•
Maximum positive output voltage swing
•
Maximum negative output voltage swing
•
Slew rate
•
Quiescent power dissipation
•
Input bias current
•
Open-loop voltage amplification
•
Unity gain frequency
•
Common-mode rejection ratio
•
Phase margin
•
DC output resistance
•
AC output resistance
•
Short-circuit output current limit
Figure 59. Boyle Macromodel and Subcircuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com