Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272AMFKB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMFKB Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC2272AMFKB Datasheet HTML 11Page - Texas Instruments TLC2272AMFKB Datasheet HTML 12Page - Texas Instruments TLC2272AMFKB Datasheet HTML 13Page - Texas Instruments TLC2272AMFKB Datasheet HTML 14Page - Texas Instruments TLC2272AMFKB Datasheet HTML 15Page - Texas Instruments TLC2272AMFKB Datasheet HTML 16Page - Texas Instruments TLC2272AMFKB Datasheet HTML 17Page - Texas Instruments TLC2272AMFKB Datasheet HTML 18Page - Texas Instruments TLC2272AMFKB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
15
10
5
0
25
45
65
85
20
25
30
105
125
TA − Free-Air Temperature − °C
35
VDD = ± 2.5 V
VIC = 0 V
VO = 0 V
RS = 50 Ω
IIB
IIO
0
− 2
− 6
− 8
− 10
8
− 4
2
3
4
5
6
7
8
4
2
6
10
|VDD ±| − Supply Voltage − V
TA = 25°C
RS = 50 Ω
|VIO| ≤ 5 mV
12
15
10
5
0
0
1
20
25
2
3
4
5
αVIO − Temperature Coefficient − µ °
V/ C
− 5
− 4
− 3
− 2
− 1
128 Amplifiers From
2 Wafer Lots
VDD = ± 2.5 V
N Package
TA = 25°C to 125°C
15
10
5
0
20
25
αVIO − Temperature Coefficient − µ °
V/ C
0
1
2
3
4
5
− 5
− 4
− 3
− 2
− 1
128 Amplifiers From
2 Wafer Lots
VDD = ± 2.5 V
N Package
TA = 25°C to 125°C
15
10
5
0
−1
0
1
20
25
2
3
4
5
αVIO − Temperature Coefficient − µ °
V/ C
128 Amplifiers From
2 Wafer Lots
VDD = ± 2.5 V
P Package
25°C to 125°C
− 5 − 4
− 3
− 2
− 5 − 4
− 3
− 2
15
10
5
0
−1
0
1
20
25
2
3
4
5
αVIO − Temperature Coefficient − µ °
V/ C
128 Amplifiers From
2 Wafer Lots
VDD = ± 5 V
P Package
25°C to 125°C
15
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
www.ti.com
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Figure 7. Distribution of TLC2272 vs
Input Offset Voltage Temperature Coefficient
Figure 8. Distribution of TLC2272 vs
Input Offset Voltage Temperature Coefficient
Figure 9. Distribution of TLC2274 vs
Input Offset Voltage Temperature Coefficient
Figure 10. Distribution of TLC2274 vs
Input Offset Voltage Temperature Coefficient
Figure 11. Input Bias and Input Offset Current vs
Free-Air Temperature
Figure 12. Input Voltage vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com