Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272AMFKB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMFKB Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC2272AMFKB Datasheet HTML 13Page - Texas Instruments TLC2272AMFKB Datasheet HTML 14Page - Texas Instruments TLC2272AMFKB Datasheet HTML 15Page - Texas Instruments TLC2272AMFKB Datasheet HTML 16Page - Texas Instruments TLC2272AMFKB Datasheet HTML 17Page - Texas Instruments TLC2272AMFKB Datasheet HTML 18Page - Texas Instruments TLC2272AMFKB Datasheet HTML 19Page - Texas Instruments TLC2272AMFKB Datasheet HTML 20Page - Texas Instruments TLC2272AMFKB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
1
−1
−3
−5
0
250
3
5
500
750 1000
VID − Differential Input Voltage − µV
− 1000 − 750
− 250
− 500
VDD = ± 5 V
TA = 25°C
RL = 10 kΩ
VIC = 0 V
0.1
1
0.1
1
10
100
10
100
1000
RL − Load Resistance − kΩ
VO = ± 1 V
TA = 25°C
VDD = ± 5 V
VDD = 5 V
− 5
− 75
−50
−25
0
25
50
75
100
125
− 1
− 3
7
11
15
TA − Free-Air Temperature − °C
VID = 100 mV
VID = − 100 mV
VO = 0 V
VDD = ± 5 V
3
2
1
0
800
4
5
1200
VID − Differential Input Voltage − µV
− 800
−400
400
0
VDD = 5 V
TA = 25°C
RL = 10 kΩ
VIC = 2.5 V
4
0
2
3
4
8
12
16
5
6
7
8
|VDD ±| − Supply Voltage − V
VID = 100 mV
VO = 0 V
TA = 25°C
− 8
VID = −100 mV
− 4
2
1
0
10 k
100 k
1 M
3
f − Frequency − Hz
4
10 M
6
5
7
8
9
10
VDD = 5 V
VDD = ± 5 V
RL = 10 kΩ
TA = 25°C
17
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
www.ti.com
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Figure 19. Maximum Peak-to-Peak Output Voltage vs
Frequency
Figure 20. Short-Circuit Output Current vs Supply Voltage
Figure 21. Short-Circuit Output Current vs
Free-Air Temperature
Figure 22. Output Voltage vs Differential Input Voltage
Figure 23. Output Voltage vs Differential Input Voltage
Figure 24. Large-Signal Differential Voltage Amplification vs
Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com