Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272AMFKB Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMFKB Datasheet(HTML) 42 Page - Texas Instruments

Back Button TLC2272AMFKB Datasheet HTML 38Page - Texas Instruments TLC2272AMFKB Datasheet HTML 39Page - Texas Instruments TLC2272AMFKB Datasheet HTML 40Page - Texas Instruments TLC2272AMFKB Datasheet HTML 41Page - Texas Instruments TLC2272AMFKB Datasheet HTML 42Page - Texas Instruments TLC2272AMFKB Datasheet HTML 43Page - Texas Instruments TLC2272AMFKB Datasheet HTML 44Page - Texas Instruments TLC2272AMFKB Datasheet HTML 45Page - Texas Instruments TLC2272AMFKB Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TLC2274CNSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
TLC2274CPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
TLC2274IDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
TLC2274IPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
TLC2274MDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
TLC2274MDRG4
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
TLC2274QDRG4
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
5962-9555201NXDR
SOIC
D
8
2500
367.0
367.0
38.0
TLC2272ACDR
SOIC
D
8
2500
340.5
338.1
20.6
TLC2272ACPWR
TSSOP
PW
8
2000
367.0
367.0
35.0
TLC2272AIDR
SOIC
D
8
2500
340.5
338.1
20.6
TLC2272AMDR
SOIC
D
8
2500
367.0
367.0
38.0
TLC2272AMDRG4
SOIC
D
8
2500
367.0
367.0
38.0
TLC2272CDR
SOIC
D
8
2500
340.5
338.1
20.6
TLC2272CPWR
TSSOP
PW
8
2000
367.0
367.0
35.0
TLC2272IDR
SOIC
D
8
2500
340.5
338.1
20.6
TLC2272IPWR
TSSOP
PW
8
2000
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
29-Apr-2016
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com