Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272AMFKB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMFKB Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC2272AMFKB Datasheet HTML 18Page - Texas Instruments TLC2272AMFKB Datasheet HTML 19Page - Texas Instruments TLC2272AMFKB Datasheet HTML 20Page - Texas Instruments TLC2272AMFKB Datasheet HTML 21Page - Texas Instruments TLC2272AMFKB Datasheet HTML 22Page - Texas Instruments TLC2272AMFKB Datasheet HTML 23Page - Texas Instruments TLC2272AMFKB Datasheet HTML 24Page - Texas Instruments TLC2272AMFKB Datasheet HTML 25Page - Texas Instruments TLC2272AMFKB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
0.0001
0.001
100
1 k
10 k
100 k
f − Frequency − Hz
0.01
0.1
1
VDD = 5 V
TA = 25°C
RL = 10 kΩ
AV = 100
AV = 10
AV = 1
1
0.1
100
1
10
100
1 k
f − Frequency − Hz
10 k
100 k
Calculated Using
Ideal Pass-Band Filter
Lower Frequency = 1 Hz
TA= 25°C
10
20
10
0
10
100
1 k
30
f − Frequency − Hz
40
10 k
60
VDD = ± 5 V
TA = 25°C
RS = 20 Ω
−750
−1000
2
4
6
0
250
8
10
t − Time − s
0
VDD = 5 V
f = 0.1 Hz to 10 Hz
TA = 25°C
500
750
1000
− 250
− 500
0
−50
−100
50
100
0
0.5
1
1.5
t − Time − µs
VDD = ± 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
AV = 1
20
10
0
10
100
1 k
30
f − Frequency − Hz
40
10 k
60
VDD = 5 V
TA = 25°C
RS = 20 Ω
22
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Figure 49. Voltage-Follower Small-Signal Pulse Response
Figure 50. Equivalent Input Noise Voltage vs Frequency
Figure 51. Equivalent Input Noise Voltage vs Frequency
Figure 52. Noise Voltage Over a 10 Second Period
Figure 53. Integrated Noise Voltage vs Frequency
Figure 54. Total Harmonic Distortion + Noise vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com