Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272AMFKB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMFKB Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC2272AMFKB Datasheet HTML 16Page - Texas Instruments TLC2272AMFKB Datasheet HTML 17Page - Texas Instruments TLC2272AMFKB Datasheet HTML 18Page - Texas Instruments TLC2272AMFKB Datasheet HTML 19Page - Texas Instruments TLC2272AMFKB Datasheet HTML 20Page - Texas Instruments TLC2272AMFKB Datasheet HTML 21Page - Texas Instruments TLC2272AMFKB Datasheet HTML 22Page - Texas Instruments TLC2272AMFKB Datasheet HTML 23Page - Texas Instruments TLC2272AMFKB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
3
2
1
4
− 75
−50
− 25
0
25
50
75
100
125
TA − Free-Air Temperature − °C
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
AV = 1
SR +
SR −
0
5
2
1
0
1
2
3
4
5
3
4
5
6
7
8
9
t − Time − µs
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
AV = − 1
0
− 75
− 50
− 25
0
25
50
75
100
125
0
1.2
2.4
3.6
4.8
6
TA − Free-Air Temperature − °C
VDD = 5 V
VO = 2.5 V
VDD = ± 5 V
VO = 0 V
0
1
2
3
CL − Load Capacitance − pF
10 k
1 k
100
10
SR +
SR −
4
5
VDD = 5 V
AV = − 1
TA = 25°C
− 75
− 50
−25
0
25
50
75
100
125
0
0.6
1.2
1.8
2.4
3
TA − Free-Air Temperature − °C
VDD = 5 V
VO = 2.5 V
VDD = ± 5 V
VO = 0 V
0
1
2
3
4
5
6
7
8
0
1.2
2.4
3.6
4.8
6
|VDD ± | − Supply Voltage − V
VO = 0 V
No Load
TA = 25°C
TA = − 55°C
TA = 125°C
20
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Figure 37. TLC2274 Supply Current vs Supply Voltage
Figure 38. TLC2272 Supply Current vs Free-Air Temperature
Figure 39. TLC2274 Supply Current vs Free-Air Temperature
Figure 40. Slew Rate vs Load Capacitance
Figure 41. Slew Rate vs Free-Air Temperature
Figure 42. Inverting Large-Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com