Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM93 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 22Page - National Semiconductor (TI) LM93 Datasheet HTML 23Page - National Semiconductor (TI) LM93 Datasheet HTML 24Page - National Semiconductor (TI) LM93 Datasheet HTML 25Page - National Semiconductor (TI) LM93 Datasheet HTML 26Page - National Semiconductor (TI) LM93 Datasheet HTML 27Page - National Semiconductor (TI) LM93 Datasheet HTML 28Page - National Semiconductor (TI) LM93 Datasheet HTML 29Page - National Semiconductor (TI) LM93 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
14.0 SMBus Interface (Continued)
Whenever the low byte of a 16-bit register is written, the write
is buffered and does not take effect until the corresponding
high byte is written. If the low byte of a different 16-bit
register is written, the previously buffered low byte of the first
register is discarded. If a device attempts to write the high
byte of a 16-bit register, and the corresponding low byte was
not written (or was discarded), then the LM93 will NACK the
byte.
15.0 Using The LM93
15.1 POWER ON
The LM93 generates a power on reset signal on RESET
when power is applied for the first time to the part.
15.2 RESETS
Upon power up, the RESET output is asserted when the
voltage on the power supply crosses the power-on-reset
threshold level (see Electrical Specifications). The RESET
output is open-drain and should be used with an external
pull-up resistor connected to V
DD. Once the power on reset
has completed, the RESET pin becomes an input and when
asserted causes the LOCK bit in the LM93 Configuration
register to be cleared. In addition, assertion of RESET
causes the sleep control register to be automatically set to
S4/S5. This causes several error events to be masked ac-
cording to the S4/S5 masking definitions.
Register Types
Power
On Reset
External
Reset
Factory regs
x
Register Types
Power
On Reset
External
Reset
BMC Error Status regs
x
Host Error Status regs
x
Value regs
Limit regs
x
Setup regs
x
LM93 Configuration Lock Bit
x
x
LM93 Configuration GMSK Bit
x (reset)
x (set)
Sleep Mask
x
Sleep State Control
x
Other Mask regs
x
All other registers are not effected by power on reset or
external reset.
15.3 ADDRESS SELECTION
LM93 is designed to be used primarily in dual processor
server systems that may require only one monitoring device.
If multiple LM93 devices are implemented in a system, they
must have unique SMBus slave addresses. See the Section
14.1 SMBUS ADDRESSING for more information.
The board designer may apply a 10 k
Ω pull-down and/or
pull-up resistors to ground and/or to 3.3V SB V
DD on the
ADDR_SEL pin. The LM93 is designed to work with resistors
of 5% tolerance for the case where two resistors are re-
quired. Upon the first SMBus communication to the part, the
LM93 assigns itself an SMBus address according to the
ADDR_SEL input.
Address Select
Board Implementation
SMBus Address
less-than 10% of V
DD
Pulled to ground through a 10 k
Ω resistor
0101,100b
≈ V
DD/2
10 k
Ω (5%) Resistor to 3.3V SB V
DD and to Ground
0101,110b
greater-than 90% of V
DD
Pulled to 3.3V SB V
DD through a 10 k
Ω resistor
0101,101b
15.4 DEVICE SETUP
BIOS executes the following steps to configure the registers
in the LM93. All steps may not be necessary if default values
are acceptable.
Set limits and parameters (not necessarily in this order):
Set up Fan control
Set up PWM temperature bindings
Set fan tach limits
Set fan boost temperature and hysteresis
Set the VRD_HOT and PROCHOT PWM ramp control
rate
Enable Smart Tach Mode and Tachometer Input to PWM
binding (required with direct PWM drive of fans)
Set the temperature absolute limits
Set the temperature hysteresis values
Set temperature filtered or unfiltered usage
Set the Zone Adjustment Offset temperature
Set the PROCHOT override and time interval values
Set the PROCHOT user limit
Enable THERMTRIP masking of error events (if GPIO4
and GPIO5 are used as THERMTRIP inputs)
Set voltage sensor limits and hysteresis
Set the Dynamic Vccp offset limits
Set the Sleep State control and mask registers
Set Other Mask Registers (GPI Error, VRDx_HOT, SC-
SI_TERM, and dynamic Vccp limit checking)
Set start bit to select user values and unmask error events
Set the sleep state to 0
Set Lock bit to lock the limit and parameter registers
(optional)
15.5 ROUND ROBIN VOLTAGE/TEMPERATURE
CONVERSION CYCLE
The LM93 monitoring function is started as soon as the part
is powered up. The LM93 performs a “round robin” sampling
of the inputs, in the order shown below. Each cycle of the
round robin is completed in less than 100 ms.
The results of the sampling and conversions can be found in
the value registers and are available at any time.
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com