Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM93 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 51Page - National Semiconductor (TI) LM93 Datasheet HTML 52Page - National Semiconductor (TI) LM93 Datasheet HTML 53Page - National Semiconductor (TI) LM93 Datasheet HTML 54Page - National Semiconductor (TI) LM93 Datasheet HTML 55Page - National Semiconductor (TI) LM93 Datasheet HTML 56Page - National Semiconductor (TI) LM93 Datasheet HTML 57Page - National Semiconductor (TI) LM93 Datasheet HTML 58Page - National Semiconductor (TI) LM93 Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
16.0 Registers (Continued)
16.6.8 Register 6Bh
GPI State
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
6Bh
R
GPI State
GPI7
GPI6
GP15
GPI4
GPI3
GPI2
GPI1
GPI0
N/D
Bit
Name
Read/Write
Description
0
GPI0
R
1 if GPIO_0 input is LOW
1
GPI1
R
1 if GPIO_1 input is LOW
2
GPI2
R
1 if GPIO_2 input is LOW
3
GPI3
R
1 if GPIO_3 input is LOW
4
GPI4
R
1 if GPIO_4 input is LOW
5
GPI5
R
1 if GPIO_5 input is LOW
6
GPI6
R
1 if GPIO_6 input is LOW
7
GPI7
R
1 if GPIO_7 input is LOW
16.6.9 Register 6Ch
P1_VID
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
6Ch
R
P1_VID
RES
P1_VID
N/D
Bit
Name
Read/Write
Description
5:0
P1_VID
R
Processor 1 VID status.
Reports the current value of the P1_VID5
through P1_VID0 pins. This register should
only be updated if P1_VID5 through P1_VID0
remain stable for at least 600 ns.
7:6
RES
R
Reserved
16.6.10 Register 6Dh
P2_VID
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
6Dh
R
P2_VID
RES
P2_VID
N/D
Bit
Name
Read/Write
Description
5:0
P2_VID
R
Processor 2VID status.
Reports the current value of the P2_VID5
through P2_VID0 pins. This register should
only be updated if P2_VID5 through P2_VID0
remain stable for at least 600 ns.
7:6
RES
R
Reserved
www.national.com
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com