Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM93 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 29Page - National Semiconductor (TI) LM93 Datasheet HTML 30Page - National Semiconductor (TI) LM93 Datasheet HTML 31Page - National Semiconductor (TI) LM93 Datasheet HTML 32Page - National Semiconductor (TI) LM93 Datasheet HTML 33Page - National Semiconductor (TI) LM93 Datasheet HTML 34Page - National Semiconductor (TI) LM93 Datasheet HTML 35Page - National Semiconductor (TI) LM93 Datasheet HTML 36Page - National Semiconductor (TI) LM93 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
15.0 Using The LM93 (Continued)
15.11 XOR TREE TEST
An XOR tree is provided in the LM93 for Automated Test
Equipment (ATE) board level connectivity testing. This al-
lows the functionality of all digital inputs to be tested in a
simple manner and any pins that are non-functional or
shorted together to be identified. When the test mode is
enabled by setting the ‘XEN’ bit in the XOR Test register, the
part enters XOR test mode.
The following signals are included in the XOR test tree:
Px_VIDy
GPIO_x
PWMx
Px_PROCHOT
VRDx_HOT
SCSI_TERMx
RESET
Since the test mode is XOR tree, the order of the signals in
the tree is not important. SMBDAT and SMBCLK should not
be included in the test tree.
Example of XOR Test Tree (not showing all signals)
20068219
To properly implement the XOR TREE test on the PCB, no
pins listed in the tree should be connected directly to power
or ground. If a pin needs to be configured as a permanent
low, such as an address, it should be connected to ground
through a low value resister such as 10 k
Ω, to allow the ATE
(Automatic Test Equipment) to drive it high.
When generating test waveforms, a typical propagation de-
lay of 500 ns through the XOR tree should be allowed for.
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com