Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM93 Datasheet(PDF) 84 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 84 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 80Page - National Semiconductor (TI) LM93 Datasheet HTML 81Page - National Semiconductor (TI) LM93 Datasheet HTML 82Page - National Semiconductor (TI) LM93 Datasheet HTML 83Page - National Semiconductor (TI) LM93 Datasheet HTML 84Page - National Semiconductor (TI) LM93 Datasheet HTML 85Page - National Semiconductor (TI) LM93 Datasheet HTML 86Page - National Semiconductor (TI) LM93 Datasheet HTML 87Page - National Semiconductor (TI) LM93 Datasheet HTML 88Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
16.0 Registers (Continued)
16.10 OTHER MASK REGISTERS
16.10.1 Register ECh
GPI Error Mask
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
ECh
R/W
GPI Error
Mask
GPI7
_MSK
GPI6
_MSK
GPI5
_MSK
GPI4
_MSK
GPI3
_MSK
GPI2
_MSK
GPI1
_MSK
GPI0
_MSK
FFh
Bit
Name
R/W
Description
0
GPI0_MSK
R/W
When this bit is set, GPI0 error events are masked.
1
GPI1_MSK
R/W
When this bit is set, GPI1 error events are masked.
2
GPI2_MSK
R/W
When this bit is set, GPI2 error events are masked.
3
GPI3_MSK
R/W
When this bit is set, GPI3 error events are masked.
4
GPI4_MSK
R/W
When this bit is set, GPI4 error events are masked.
5
GPI5_MSK
R/W
When this bit is set, GPI5 error events are masked.
6
GPI6_MSK
R/W
When this bit is set, GPI6 error events are masked.
7
GPI7_MSK
R/W
When this bit is set, GPI7 error events are masked.
These bits mask the corresponding bits in the B_ and H_GPI Error Status Registers. They do not effect the GPI State register.
16.10.2 Register EDh
Miscellaneous Error Mask
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
EDh
R/W
Miscellaneous
Error Mask
RES
DVccp2
_MSK
DVccp1
_MSK
SCSI2
_MSK
SCSI1
_MSK
VRD2
_MSK
VRD1
_MSK
3Fh
Bit
Name
R/W
Description
0
VRD1_MSK
R/W
When this bit is set, VRD1_HOT error events are masked.
1
VRD2_MSK
R/W
When this bit is set, VRD2_HOT error events are masked.
2
SCSI1_MSK
R/W
When this bit is set, SCSI_TERM1 error events are masked.
3
SCSI2_MSK
R/W
When this bit is set, SCSI_TERM2 error events are masked.
4
DVccp1_MSK
R/W
When this bit is set, dynamic Vccp limit error events for
AD_IN7 (CPU1) are masked.
5
DVccp2_MSK
R/W
When this bit is set, dynamic Vccp limit error events for
AD_IN8 (CPU2) are masked.
7:6
RES
R
Reserved
www.national.com
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com