Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM93 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 47Page - National Semiconductor (TI) LM93 Datasheet HTML 48Page - National Semiconductor (TI) LM93 Datasheet HTML 49Page - National Semiconductor (TI) LM93 Datasheet HTML 50Page - National Semiconductor (TI) LM93 Datasheet HTML 51Page - National Semiconductor (TI) LM93 Datasheet HTML 52Page - National Semiconductor (TI) LM93 Datasheet HTML 53Page - National Semiconductor (TI) LM93 Datasheet HTML 54Page - National Semiconductor (TI) LM93 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
16.0 Registers (Continued)
16.5.7 Register 4Eh
H_GPI Error Status
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
4Eh
RWC
H_GPI
Error Status
GPI7
_ERR
GPI6
_ERR
GPI5
_ERR
GPI4
_ERR
GPI3
_ERR
GPI2
_ERR
GPI1
_ERR
GPI0
_ERR
00h
Bit
Name
R/W
Description
Sleep
Masking
0
GPI0_ERR
RWC This bit is set whenever GPIO0 is driven low (unless masked via the GPI
Error Mask register).
S1*, S3*, S4/5*
1
GPI1_ERR
RWC This bit is set whenever GPIO1 is driven low (unless masked via the GPI
Error Mask register).
S1*, S3*, S4/5*
2
GPI2_ERR
RWC This bit is set whenever GPIO2 is driven low (unless masked via the GPI
Error Mask register).
S1*, S3*, S4/5*
3
GPI3_ERR
RWC This bit is set whenever GPIO3 is driven low (unless masked via the GPI
Error Mask register).
S1*, S3*, S4/5*
4
GPI4_ERR
RWC This bit is set whenever GPIO4 is driven low (unless masked via the GPI
Error Mask register).
S1*, S3*, S4/5*
5
GPI5_ERR
RWC This bit is set whenever GPIO5 is driven low (unless masked via the GPI
Error Mask register).
S1*, S3*, S4/5*
6
GPI6_ERR
RWC This bit is set whenever GPIO6 is driven low (unless masked via the GPI
Error Mask register).
S1*, S3*, S4/5*
7
GPI7_ERR
RWC This bit is set whenever GPIO7 is driven low (unless masked via the GPI
Error Mask register).
S1*, S3*, S4/5*
www.national.com
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com