Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM93 Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93 Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button LM93 Datasheet HTML 54Page - National Semiconductor (TI) LM93 Datasheet HTML 55Page - National Semiconductor (TI) LM93 Datasheet HTML 56Page - National Semiconductor (TI) LM93 Datasheet HTML 57Page - National Semiconductor (TI) LM93 Datasheet HTML 58Page - National Semiconductor (TI) LM93 Datasheet HTML 59Page - National Semiconductor (TI) LM93 Datasheet HTML 60Page - National Semiconductor (TI) LM93 Datasheet HTML 61Page - National Semiconductor (TI) LM93 Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
16.0 Registers (Continued)
16.7.3 Registers 90–AFh
Voltage Limit Registers
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
90h
R/W
AD_IN1 Low Limit
76543210
00h
91h
R/W
AD_IN1 High Limit
76543210
FFh
92h
R/W
AD_IN2 Low Limit
76543210
00h
93h
R/W
AD_IN2 High Limit
76543210
FFh
94h
R/W
AD_IN3 Low Limit
76543210
00h
95h
R/W
AD_IN3 High Limit
76543210
FFh
96h
R/W
AD_IN4 Low Limit
76543210
00h
97h
R/W
AD_IN4 High Limit
76543210
FFh
98h
R/W
AD_IN5 Low Limit
76543210
00h
99h
R/W
AD_IN5 High Limit
76543210
FFh
9Ah
R/W
AD_IN6 Low Limit
76543210
00h
9Bh
R/W
AD_IN6 High Limit
76543210
FFh
9Ch
R/W
AD_IN7 Low Limit
76543210
00h
9Dh
R/W
AD_IN7 High Limit
76543210
FFh
9Eh
R/W
AD_IN8 Low Limit
76543210
00h
9Fh
R/W
AD_IN8 High Limit
76543210
FFh
A0h
R/W
AD_IN9 Low Limit
76543210
00h
A1h
R/W
AD_IN9 High Limit
76543210
FFh
A2h
R/W
AD_IN10 Low Limit
76543210
00h
A3h
R/W
AD_IN10 High Limit
76543210
FFh
A4h
R/W
AD_IN11 Low Limit
76543210
00h
A5h
R/W
AD_IN11 High Limit
76543210
FFh
A6h
R/W
AD_IN12 Low Limit
76543210
00h
A7h
R/W
AD_IN12 High Limit
76543210
FFh
A8h
R/W
AD_IN13 Low Limit
76543210
00h
A9h
R/W
AD_IN13 High Limit
76543210
FFh
AAh
R/W
AD_IN14 Low Limit
76543210
00h
ABh
R/W
AD_IN14 High Limit
76543210
FFh
ACh
R/W
AD_IN15 Low Limit
76543210
00h
ADh
R/W
AD_IN15 High Limit
76543210
FFh
AEh
R/W
AD_IN16 Low Limit
76543210
00h
AFh
R/W
AD_IN16 High Limit
76543210
FFh
FFh as the high limit acts as a mask for that voltage sensor and so prevents this channel from being able to set the associated
error status bit in the B_ or H_ Error Status registers, for both high and low limit errors.
If a voltage input either exceeds the value set in the voltage high limit register or falls below the value set in the voltage low limit
register, the corresponding bit is set automatically by the LM93 in the B_ and H_Error Status registers.
www.national.com
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com