Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 206 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 206 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 202Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 203Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 204Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 205Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 206Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 207Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 208Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 209Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.14.3 TSIP2 Peripheral Register Descriptions
Table 7-84. TSIP Module Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0258 0000
PID
PID Register
0258 0004
EMUTST
Emulation and Test Register
0258 0008
RST
Reset Register
0258 000C - 0258 007C
-
Reserved
Table 7-85. Serial Interface Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0258 0080
SIUCTL
SIU Global Control Register
0258 0084 - 0258 009C
-
Reserved
0258 00A0
XCLK
Transmit Clock Source Register
0258 00A4
XCTL
Transmit Control Register
0258 00A8
XSIZ
Transmit Size Register
0258 00AC - 0258 00BC
-
Reserved
0258 00C0
RCLK
Receive Clock Source Register
0258 00C4
RCTL
Receive Control Register
0258 00C8
RSIZE
Receive Size Register
0258 00CC - 0258 00FC
-
Reserved
Table 7-86. TDMU Global Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0258 0100
TDMUCTL
TDMU Global Control Register
0258 0104
XFRFC
Transmit Free-Running Frame Counter
0258 0108
RFRFC
Receive Free-Running Frame Counter
0258 010C
TDMUCFG
TDMU Global Configuration Register
0258 0110
XBMST
Transmit Channel Active Status Register
0258 0114
RBMST
Receive Channel Active Status Register
0258 0118 - 0258 017C
-
Reserved
Table 7-87. DMATCU Global Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0258 0180
DMACTL
DMATCU Global Control Register
0258 0184
XDLY
Transmit Timeslot Delay Counter
0258 0188
RDLY
Receive Timeslot Delay Counter
0258 018C
-
Reserved
0258 0190
XCHST
Transmit Channel Active Status Register
0258 0194
RCHST
Receive Channel Active Status Register
0258 019C - 0258 01FC
-
Reserved
Table 7-88. TDMU Channel Error Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0258 0200 - 0258 020C
-
TX/RX Channel 0 Error Log Registers
0258 0210 - 0258 021C
-
TX/RX Channel 1 Error Log Registers
0258 0220 - 0258 022C
-
TX/RX Channel 2 Error Log Registers
0258 0230 - 0258 023C
-
TX/RX Channel 3 Error Log Registers
206
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com