Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 208 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 208 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 204Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 205Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 206Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 207Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 208Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 209Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 210Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 211Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 7-91. TDMU Transmit Channels 0-5 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0258 0800
XCHEN0
Transmit Channel 0 Enable Register
0258 0804 - 0258 081C
-
Reserved
0258 0820
XCHEN1
Transmit Channel 1 Enable Register
0258 0824 - 0258 083C
-
Reserved
0258 0840
XCHEN2
Transmit Channel 2 Enable Register
0258 0844 - 0258 085C
-
Reserved
0258 0860
XCHEN3
Transmit Channel 3 Enable Register
0258 0864 - 0258 087C
-
Reserved
0258 0880
XCHEN4
Transmit Channel 4 Enable Register
0258 0884 - 0258 089C
-
Reserved
0258 08A0
XCHEN5
Transmit Channel 5 Enable Register
0258 08A4 - 0258 08BC
-
Reserved
Table 7-92. TDMU Receive Channels 0-5 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0258 0C00
RCHEN0
Receive Channel 0 Enable Register
0258 0C04 - 0258 0C1C
-
Reserved
0258 0C20
RCHEN1
Receive Channel 1 Enable Register
0258 0C24 - 0258 0C3C
-
Reserved
0258 0C40
RCHEN2
Receive Channel 2 Enable Register
0258 0C44 - 0258 0C5C
-
Reserved
0258 0C60
RCHEN3
Receive Channel 3 Enable Register
0258 0C64 - 0258 0C7C
-
Reserved
0258 0C80
RCHEN4
Receive Channel 4 Enable Register
0258 0C84 - 0258 0C9C
-
Reserved
0258 0CA0
RCHEN5
Receive Channel 5 Enable Register
0258 0CA4 - 0258 0CBC
-
Reserved
Table 7-93. DMATCU Channel Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0258 1000 - 0258 101C
-
Transmit Channel 0 Config A Registers
0258 1020 - 0258 103C
-
Transmit Channel 0 Config B Registers
0258 1040 - 0258 105C
-
Transmit Channel 1 Config A Registers
0258 1060 - 0258 107C
-
Transmit Channel 1 Config B Registers
0258 1080 - 0258 109C
-
Transmit Channel 2 Config A Registers
0258 10A0 - 0258 10BC
-
Transmit Channel 2 Config B Registers
0258 10C0 - 0258 10DC
-
Transmit Channel 3 Config A Registers
0258 10E0 - 0258 10FC
-
Transmit Channel 3 Config B Registers
0258 1100 - 0258 111C
-
Transmit Channel 4 Config A Registers
0258 1120 - 0258 113C
-
Transmit Channel 4 Config B Registers
0258 1140 - 0258 115C
-
Transmit Channel 5 Config A Registers
0258 1160 - 0258 117C
-
Transmit Channel 5 Config B Registers
0258 1180 - 0258 17FC
-
Reserved
0258 1800 - 0258 181C
-
Receive Channel 0 Config A Registers
0258 1820 - 0258 183C
-
Receive Channel 0 Config B Registers
0258 1840 - 0258 185C
-
Receive Channel 1 Config A Registers
0258 1860 - 0258 187C
-
Receive Channel 1 Config B Registers
208
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com