Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 204 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 204 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 200Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 201Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 202Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 203Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 204Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 205Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 206Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 207Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 7-81. DMATCU Receive Channels 0-5 Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0254 196C
DRCH _BFCNT5
Receive Channel 5 Frame Count Register B
0254 1970 - 0254 197C
-
Reserved
Table 7-82. TDMU Channel Bitmaps
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0254 8000 - 0254 80FC
XBM_XBMA0
Transmit Channel 0 Bitmap A
0254 8100 - 0254 81FC
XBM_XBMB0
Transmit Channel 0 Bitmap B
0254 8200 - 0254 82FC
XBM_XBMA1
Transmit Channel 1 Bitmap A
0254 8300 - 0254 83FC
XBM_XBMB1
Transmit Channel 1 Bitmap B
0254 8400 - 0254 84FC
XBM_XBMA2
Transmit Channel 2 Bitmap A
0254 8500 - 0254 85FC
XBM_XBMB2
Transmit Channel 2 Bitmap B
0254 8600 - 0254 86FC
XBM_XBMA3
Transmit Channel 3 Bitmap A
0254 8700 - 0254 87FC
XBM_XBMB3
Transmit Channel 3 Bitmap B
0254 8800 - 0254 88FC
XBM_XBMA4
Transmit Channel 4 Bitmap A
0254 8900 - 0254 89FC
XBM_XBMB4
Transmit Channel 4 Bitmap B
0254 8A00 - 0254 8AFC
XBM_XBMA5
Transmit Channel 5 Bitmap A
0254 8B00 - 0254 8BFC
XBM_XBMB5
Transmit Channel 5 Bitmap B
0254 8C00 - 0254 BFFC
-
Reserved
0254 C000 - 0254 C0FC
RBM_RBMA0
Receive Channel 0 Bitmap A
0254 C100 - 0254 C1FC
RBM_RBMB0
Receive Channel 0 Bitmap B
0254 C200 - 0254 C2FC
RBM_RBMA1
Receive Channel 1 Bitmap A
0254 C300 - 0254 C3FC
RBM_RBMB1
Receive Channel 1 Bitmap B
0254 C400 - 0254 C4FC
RBM_RBMA2
Receive Channel 2 Bitmap A
0254 C500 - 0254 C5FC
RBM_RBMB2
Receive Channel 2 Bitmap B
0254 C600 - 0254 C6FC
RBM_RBMA3
Receive Channel 3 Bitmap A
0254 C700 - 0254 C7FC
RBM_RBMB3
Receive Channel 3 Bitmap B
0254 C800 - 0254 C8FC
RBM_RBMA4
Receive Channel 4 Bitmap A
0254 C900 - 0254 C9FC
RBM_RBMB4
Receive Channel 4 Bitmap B
0254 CA00 - 0254 CAFC
RBM_RBMA5
Receive Channel 5 Bitmap A
0254 CB00 - 0254 CBFC
RBM_RBMB5
Receive Channel 5 Bitmap B
0254 CC00 - 0254 FFFC
-
Reserved
Table 7-83. TDMU Channel Buffers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0255 0000 - 0255 0DFC
XPING0
Transmit Channel 0 PING Buffer
0255 0100 - 0255 03FC
-
Reserved
0255 0400 - 0255 04FC
XPONG0
Transmit Channel 0 PONG Buffer
0255 0500 - 0255 07FC
-
Reserved
0255 0800 - 0255 08FC
XPING1
Transmit Channel 1 PING Buffer
0255 0900 - 0255 0BFC
-
Reserved
0255 0C00 - 0255 0CFC
XPONG1
Transmit Channel 1 PONG Buffer
0255 0D00 - 0255 0FFC
-
Reserved
0255 1000 - 0255 1DFC
XPING2
Transmit Channel 2 PING Buffer
0255 1100 - 0255 13FC
-
Reserved
0255 1400 - 0255 14FC
XPONG2
Transmit Channel 2 PONG Buffer
0255 1500 - 0255 17FC
-
Reserved
0255 1800 - 0255 18FC
XPING3
Transmit Channel 3 PING Buffer
204
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com