Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 200 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 200 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 196Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 197Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 198Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 199Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 200Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 201Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 202Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 203Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 204Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 7-76. TDMU Channel Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0254 0C60 - 0254 0C7C
-
Receive Channel 3 Registers
0254 0C80 - 0254 0C9C
-
Receive Channel 4 Registers
0254 0CA0 - 0254 0CBC
-
Receive Channel 5 Registers
0254 0CC0 - 0254 0FFC
-
Reserved
Table 7-77. TDMU Transmit Channels 0-5 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0254 0800
XCHEN0
Transmit Channel 0 Enable Register
0254 0804 - 0254 081C
-
Reserved
0254 0820
XCHEN1
Transmit Channel 1 Enable Register
0254 0824 - 0254 083C
-
Reserved
0254 0840
XCHEN2
Transmit Channel 2 Enable Register
0254 0844 - 0254 085C
-
Reserved
0254 0860
XCHEN3
Transmit Channel 3 Enable Register
0254 0864 - 0254 087C
-
Reserved
0254 0880
XCHEN4
Transmit Channel 4 Enable Register
0254 0884 - 0254 089C
-
Reserved
0254 08A0
XCHEN5
Transmit Channel 5 Enable Register
0254 08A4 - 0254 08BC
-
Reserved
Table 7-78. TDMU Receive Channels 0-5 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0254 0C00
RCHEN0
Receive Channel 0 Enable Register
0254 0C04 - 0254 0C1C
-
Reserved
0254 0C20
RCHEN1
Receive Channel 1 Enable Register
0254 0C24 - 0254 0C3C
-
Reserved
0254 0C40
RCHEN2
Receive Channel 2 Enable Register
0254 0C44 - 0254 0C5C
-
Reserved
0254 0C60
RCHEN3
Receive Channel 3 Enable Register
0254 0C64 - 0254 0C7C
-
Reserved
0254 0C80
RCHEN4
Receive Channel 4 Enable Register
0254 0C84 - 0254 0C9C
-
Reserved
0254 0CA0
RCHEN5
Receive Channel 5 Enable Register
0254 0CA4 - 0254 0CBC
-
Reserved
Table 7-79. DMATCU Channel Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0254 1000 - 0254 101C
-
Transmit Channel 0 Config A Registers
0254 1020 - 0254 103C
-
Transmit Channel 0 Config B Registers
0254 1040 - 0254 105C
-
Transmit Channel 1 Config A Registers
0254 1060 - 0254 107C
-
Transmit Channel 1 Config B Registers
0254 1080 - 0254 109C
-
Transmit Channel 2 Config A Registers
0254 10A0 - 0254 10BC
-
Transmit Channel 2 Config B Registers
0254 10C0 - 0254 10DC
-
Transmit Channel 3 Config A Registers
0254 10E0 - 0254 10FC
-
Transmit Channel 3 Config B Registers
0254 1100 - 0254 111C
-
Transmit Channel 4 Config A Registers
200
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com