Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 199 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 199 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 195Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 196Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 197Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 198Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 199Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 200Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 201Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 202Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 7-74. TDMU Channel Error Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0254 0200 - 0254 020C
-
TX/RX Channel 0 Error Log Registers
0254 0210 - 0254 021C
-
TX/RX Channel 1 Error Log Registers
0254 0220 - 0254 022C
-
TX/RX Channel 2 Error Log Registers
0254 0230 - 0254 023C
-
TX/RX Channel 3 Error Log Registers
0254 0240 - 0254 024C
-
TX/RX Channel 4 Error Log Registers
0254 0250 - 0254 025C
-
TX/RX Channel 5 Error Log Registers
0254 0260 - 0254 03FC
-
Reserved
Table 7-75. TX/RX Channels 0-5 Error Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0254 0200
ERRCTL0
TX/RX Channel 0 Error control Register
0254 0204
ERRCNT0
TX/RX Channel 0 Error Count Register
0254 0208
ERRQ0
TX/RX Channel 0 Error Queue Register
0254 020C
-
Reserved
0254 0210
ERRCTL1
TX/RX Channel 1 Error control Register
0254 0214
ERRCNT1
TX/RX Channel 1 Error Count Register
0254 0218
ERRQ1
TX/RX Channel 1 Error Queue Register
0254 021C
-
Reserved
0254 0220
ERRCTL2
TX/RX Channel 2 Error control Register
0254 0224
ERRCNT2
TX/RX Channel 2 Error Count Register
0254 0228
ERRQ2
TX/RX Channel 2 Error Queue Register
0254 022C
-
Reserved
0254 0230
ERRCTL3
TX/RX Channel 3 Error control Register
0254 0234
ERRCNT3
TX/RX Channel 3 Error Count Register
0254 0238
ERRQ3
TX/RX Channel 3 Error Queue Register
0254 023C
-
Reserved
0254 0240
ERRCTL4
TX/RX Channel 4 Error control Register
0254 0244
ERRCNT4
TX/RX Channel 4 Error Count Register
0254 0248
ERRQ4
TX/RX Channel 4 Error Queue Register
0254 024C
-
Reserved
0254 0250
ERRCTL5
TX/RX Channel 5 Error control Register
0254 0254
ERRCNT5
TX/RX Channel 5 Error Count Register
0254 0258
ERRQ5
TX/RX Channel 5 Error Queue Register
0254 025C
-
Reserved
Table 7-76. TDMU Channel Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0254 0800 - 0254 081C
-
Transmit Channel 0 Registers
0254 0820 - 0254 083C
-
Transmit Channel 1 Registers
0254 0840 - 0254 085C
-
Transmit Channel 2 Registers
0254 0860 - 0254 087C
-
Transmit Channel 3 Registers
0254 0880 - 0254 089C
-
Transmit Channel 4 Registers
0254 08A0 - 0254 08BC
-
Transmit Channel 5 Registers
0254 08C0 - 0254 0BFC
-
Reserved
0254 0C00 - 0254 0C1C
-
Receive Channel 0 Registers
0254 0C20 - 0254 0C3C
-
Receive Channel 1 Registers
0254 0C40 - 0254 0C5C
-
Receive Channel 2 Registers
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
199
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com