Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 195 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 195 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 191Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 192Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 193Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 194Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 195Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 196Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 197Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 198Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 7-66. DMATCU Transmit Channels 0-5 Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0250 116C
DXCH_BFCNT5
Transmit Channel 5 Frame Count Register B
0250 1170 - 0250 117C
-
Reserved
Table 7-67. DMATCU Receive Channels 0-5 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0250 1800
DRCH_ABASE0
Receive Channel 0 Memory Base Address Register A
0250 1804
DRCH_AFALLOC0
Receive Channel 0 Frame Allocation Register A
0250 1808
DRCH_AFSIZE0
Receive Channel 0 Frame Size Register A
0250 180C
DRCH_AFCNT0
Receive Channel 0 Frame Count Register A
0250 1810 - 0250 181C
-
Reserved
0250 1820
DRCH_BBASE0
Receive Channel 0 Memory Base Address Register B
0250 1824
DRCH_BFALLOC0
Receive Channel 0 Frame Allocation Register B
0250 1828
DRCH _BFSIZE0
Receive Channel 0 Frame Size Register B
0250 182C
DRCH _BFCNT0
Receive Channel 0 Frame Count Register B
0250 1830 - 0250 183C
-
Reserved
0250 1840
DRCH_ABASE1
Receive Channel 1 Memory Base Address Register A
0250 1844
DRCH_AFALLOC1
Receive Channel 1 Frame Allocation Register A
0250 1848
DRCH_AFSIZE1
Receive Channel 1 Frame Size Register A
0250 184C
DRCH_AFCNT1
Receive Channel 1 Frame Count Register A
0250 1850 - 0250 185C
-
Reserved
0250 1860
DRCH_BBASE1
Receive Channel 1 Memory Base Address Register B
0250 1864
DRCH_BFALLOC1
Receive Channel 1 Frame Allocation Register B
0250 1868
DRCH _BFSIZE1
Receive Channel 1 Frame Size Register B
0250 186C
DRCH _BFCNT1
Receive Channel 1 Frame Count Register B
0250 1870 - 0250 187C
-
Reserved
0250 1880
DRCH_ABASE2
Receive Channel 2 Memory Base Address Register A
0250 1884
DRCH_AFALLOC2
Receive Channel 2 Frame Allocation Register A
0250 1888
DRCH_AFSIZE2
Receive Channel 2 Frame Size Register A
0250 188C
DRCH_AFCNT2
Receive Channel 2 Frame Count Register A
0250 1890 - 0250 189C
-
Reserved
0250 18A0
DRCH_BBASE2
Receive Channel 2 Memory Base Address Register B
0250 18A4
DRCH_BFALLOC2
Receive Channel 2 Frame Allocation Register B
0250 18A8
DRCH _BFSIZE2
Receive Channel 2 Frame Size Register B
0250 18AC
DRCH _BFCNT2
Receive Channel 2 Frame Count Register B
0250 18B0 - 0250 18BC
-
Reserved
0250 18C0
DRCH_ABASE3
Receive Channel 3 Memory Base Address Register A
0250 18C4
DRCH_AFALLOC3
Receive Channel 3 Frame Allocation Register A
0250 18C8
DRCH_AFSIZE3
Receive Channel 3 Frame Size Register A
0250 18CC
DRCH_AFCNT3
Receive Channel 3 Frame Count Register A
0250 18D0 - 0250 18DC
-
Reserved
0250 18E0
DRCH_BBASE3
Receive Channel 3 Memory Base Address Register B
0250 18E4
DRCH_BFALLOC3
Receive Channel 3 Frame Allocation Register B
0250 18E8
DRCH _BFSIZE3
Receive Channel 3 Frame Size Register B
0250 18EC
DRCH _BFCNT3
Receive Channel 3 Frame Count Register B
0250 18F0 - 0250 18FC
-
Reserved
0250 1900
DRCH_ABASE4
Receive Channel 4 Memory Base Address Register A
0250 1904
DRCH_AFALLOC4
Receive Channel 4 Frame Allocation Register A
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
195
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com