Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 194 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 194 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 190Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 191Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 192Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 193Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 194Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 195Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 196Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 197Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 7-66. DMATCU Transmit Channels 0-5 Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0250 1044
DXCH_AFALLOC1
Transmit Channel 1 Frame Allocation Register A
0250 1048
DXCH_AFSIZE1
Transmit Channel 1 Frame Size Register A
0250 104C
DXCH_AFCNT1
Transmit Channel 1 Frame Count Register A
0250 1050 - 0250 105C
-
Reserved
0250 1060
DXCH_BBASE1
Transmit Channel 1 Memory Base Address Register B
0250 1064
DXCH_BFALLOC1
Transmit Channel 1 Frame Allocation Register B
0250 1068
DXCH_BFSIZE1
Transmit Channel 1 Frame Size Register B
0250 106C
DXCH_BFCNT1
Transmit Channel 1 Frame Count Register B
0250 1070 - 0250 107C
-
Reserved
0250 1080
DXCH_ABASE2
Transmit Channel 2 Memory Base Address Register A
0250 1084
DXCH_AFALLOC2
Transmit Channel 2 Frame Allocation Register A
0250 1088
DXCH_AFSIZE2
Transmit Channel 2 Frame Size Register A
0250 108C
DXCH_AFCNT2
Transmit Channel 2 Frame Count Register A
0250 1090 - 0250 109C
-
Reserved
0250 10A0
DXCH_BBASE2
Transmit Channel 2 Memory Base Address Register B
0250 10A4
DXCH_BFALLOC2
Transmit Channel 2 Frame Allocation Register B
0250 10A8
DXCH_BFSIZE2
Transmit Channel 2 Frame Size Register B
0250 10AC
DXCH_BFCNT2
Transmit Channel 2 Frame Count Register B
0250 10B0 - 0250 10BC
-
Reserved
0250 10C0
DXCH_ABASE3
Transmit Channel 3 Memory Base Address Register A
0250 10C4
DXCH_AFALLOC3
Transmit Channel 3 Frame Allocation Register A
0250 10C8
DXCH_AFSIZE3
Transmit Channel 3 Frame Size Register A
0250 10CC
DXCH_AFCNT3
Transmit Channel 3 Frame Count Register A
0250 10D0 - 0250 10DC
-
Reserved
0250 10E0
DXCH_BBASE3
Transmit Channel 3 Memory Base Address Register B
0250 10E4
DXCH_BFALLOC3
Transmit Channel 3 Frame Allocation Register B
0250 10E8
DXCH_BFSIZE3
Transmit Channel 3 Frame Size Register B
0250 10EC
DXCH_BFCNT3
Transmit Channel 3 Frame Count Register B
0250 10F0 - 0250 10FC
-
Reserved
0250 1100
DXCH_ABASE4
Transmit Channel 4 Memory Base Address Register A
0250 1104
DXCH_AFALLOC4
Transmit Channel 4 Frame Allocation Register A
0250 1108
DXCH_AFSIZE4
Transmit Channel 4 Frame Size Register A
0250 110C
DXCH_AFCNT4
Transmit Channel 4 Frame Count Register A
0250 1110 - 0250 111C
-
Reserved
0250 1120
DXCH_BBASE4
Transmit Channel 4 Memory Base Address Register B
0250 1124
DXCH_BFALLOC4
Transmit Channel 4 Frame Allocation Register B
0250 1128
DXCH_BFSIZE4
Transmit Channel 4 Frame Size Register B
0250 112C
DXCH_BFCNT4
Transmit Channel 4 Frame Count Register B
0250 1130 - 0250 113C
-
Reserved
0250 1140
DXCH_ABASE5
Transmit Channel 5 Memory Base Address Register A
0250 1144
DXCH_AFALLOC5
Transmit Channel 5 Frame Allocation Register A
0250 1148
DXCH_AFSIZE5
Transmit Channel 5 Frame Size Register A
0250 114C
DXCH_AFCNT5
Transmit Channel 5 Frame Count Register A
0250 1150 - 0250 115C
-
Reserved
0250 1160
DXCH_BBASE5
Transmit Channel 5 Memory Base Address Register B
0250 1164
DXCH_BFALLOC5
Transmit Channel 5 Frame Allocation Register B
0250 1168
DXCH_BFSIZE5
Transmit Channel 5 Frame Size Register B
194
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com