Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 191 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 191 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 187Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 188Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 189Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 190Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 191Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 192Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 193Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 194Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 7-58. TDMU Global Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0250 0114
RBMST
Receive Channel Active Status Register
0250 0118 - 0250 017C
-
Reserved
Table 7-59. DMATCU Global Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0250 0180
DMACTL
DMATCU Global Control Register
0250 0184
XDLY
Transmit Timeslot Delay Counter
0250 0188
RDLY
Receive Timeslot Delay Counter
0250 018C
-
Reserved
0250 0190
XCHST
Transmit Channel Configuration Active Status Register
0250 0194
RCHST
Receive Channel Active Status Register
0250 019C - 0250 01FC
-
Reserved
Table 7-60. TDMU Channel Error Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0250 0200 - 0250 020C
-
TX/RX Channel 0 Error Log Registers
0250 0210 - 0250 021C
-
TX/RX Channel 1 Error Log Registers
0250 0220 - 0250 022C
-
TX/RX Channel 2 Error Log Registers
0250 0230 - 0250 023C
-
TX/RX Channel 3 Error Log Registers
0250 0240 - 0250 024C
-
TX/RX Channel 4 Error Log Registers
0250 0250 - 0250 025C
-
TX/RX Channel 5 Error Log Registers
0250 0260 - 0250 03FC
-
Reserved
Table 7-61. TX/RX Channels 0-5 Error Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0250 0200
ERRCTL0
TX/RX Channel 0 Error control Register
0250 0204
ERRCNT0
TX/RX Channel 0 Error Count Register
0250 0208
ERRQ0
TX/RX Channel 0 Error Queue Register
0250 020C
-
Reserved
0250 0210
ERRCTL1
TX/RX Channel 1 Error control Register
0250 0214
ERRCNT1
TX/RX Channel 1 Error Count Register
0250 0218
ERRQ1
TX/RX Channel 1 Error Queue Register
0250 021C
-
Reserved
0250 0220
ERRCTL2
TX/RX Channel 2 Error control Register
0250 0224
ERRCNT2
TX/RX Channel 2 Error Count Register
0250 0228
ERRQ2
TX/RX Channel 2 Error Queue Register
0250 022C
-
Reserved
0250 0230
ERRCTL3
TX/RX Channel 3 Error control Register
0250 0234
ERRCNT3
TX/RX Channel 3 Error Count Register
0250 0238
ERRQ3
TX/RX Channel 3 Error Queue Register
0250 023C
-
Reserved
0250 0240
ERRCTL4
TX/RX Channel 4 Error control Register
0250 0244
ERRCNT4
TX/RX Channel 4 Error Count Register
0250 0248
ERRQ4
TX/RX Channel 4 Error Queue Register
0250 024C
-
Reserved
0250 0250
ERRCTL5
TX/RX Channel 5 Error control Register
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
191
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com