Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 190 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 190 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 186Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 187Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 188Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 189Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 190Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 191Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 192Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 193Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 194Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.14 TSIP
The TSIP is a multi-link serial interface consisting of a maximum of eight transmit data signals (or links),
eight receive data signals (or links), two frame sync input signals, and two serial clock inputs. The TSIP
module offers support for a maximum of 1024 timeslots for transmit and receive. Typically, 672 timeslots
(DS3) for transmit and receive are utilized on these links. The TSIP module can be configured to use the
frame sync signals and the serial clocks as redundant sources for all transmit and receive data signals or
one frame sync and serial clock for transmit and the second frame sync and clock for receive. The
standard serial data rate for each TSIP transmit and receive data signal is 8.192 Mbps. The standard
frame sync is a one- (or more) bit wide pulse that occurs once every 125
μs or a minimum of one serial
clock period every 1024 serial clocks. At the standard rate and default configuration there are 8 transmit
and 8 receive links that are active. Each serial interface link supports up to 128 8-bit timeslots. This
corresponds to an HMVIP or H.110 serial data rate interface. The serial interface clock frequency may be
either 16.384 MHz (default) or 8.192 MHz. (The clock can be either 1x or 2x the data-bit rate.) Typical
timeslot occupation is 96 timeslots (DS2) for each serial interface link. Seven transmit data links and
seven receive data links are utilized to support the DS3 timeslot requirement. The eighth transmit and
receive links are available to support common channel signaling (CCS). The data rate for the serial
interface links can also be set to 16.384 Mbps or 32.768 Mbps. The maximum number of active serial
links is reduced to four and two, respectively, in these configurations. The serial interface clock frequency
may be either 32.768 MHz or 16.384 MHz for 16.384 Mbps serial links and either 65.536 MHz or
32.768 MHz for 32.768 Mbps serial links.
7.14.1 TSIP0 Peripheral Register Descriptions
Table 7-56. TSIP Module Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0250 0000
PID
PID Register
0250 0004
EMUTST
Emulation and Test Register
0250 0008
RST
Reset Register
0250 000C - 0250 007C
-
Reserved
Table 7-57. Serial Interface Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0250 0080
SIUCTL
SIU Global Control Register
0250 0084 - 0250 009C
-
Reserved
0250 00A0
XCLK
Transmit Clock Source Register
0250 00A4
XCTL
Transmit Control Register
0250 00A8
XSIZE
Transmit Size Register
0250 00AC - 0250 00BC
-
Reserved
0250 00C0
RCLK
Receive Clock Source Register
0250 00C4
RCTL
Receive Control Register
0250 00C8
RSIZE
Receive Size Register
0250 00CC - 0250 00FC
-
Reserved
Table 7-58. TDMU Global Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0250 0100
TDMUCTL
TDMU Global Control Register
0250 0104
XFRFC
Transmit Free-Running Frame Counter
0250 0108
RFRFC
Receive Free-Running Frame Counter
0250 010C
TDMUCFG
TDMU Global Configuration Register
0250 0110
XBMST
Transmit Channel Bitmap Active Status Register
190
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com