Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 193 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 193 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 189Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 190Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 191Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 192Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 193Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 194Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 195Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 196Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 7-64. TDMU Receive Channels 0-5 Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0250 0C80
RCHEN4
Receive Channel 4 Enable Register
0250 0C84 - 0250 0C9C
-
Reserved
0250 0CA0
RCHEN5
Receive Channel 5 Enable Register
0250 0CA4 - 0250 0CBC
-
Reserved
Table 7-65. DMATCU Channel Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0250 1000 - 0250 101C
-
Transmit Channel 0 Config A Registers
0250 1020 - 0250 103C
-
Transmit Channel 0 Config B Registers
0250 1040 - 0250 105C
-
Transmit Channel 1 Config A Registers
0250 1060 - 0250 107C
-
Transmit Channel 1 Config B Registers
0250 1080 - 0250 109C
-
Transmit Channel 2 Config A Registers
0250 10A0 - 0250 10BC
-
Transmit Channel 2 Config B Registers
0250 10C0 - 0250 10DC
-
Transmit Channel 3 Config A Registers
0250 10E0 - 0250 10FC
-
Transmit Channel 3 Config B Registers
0250 1100 - 0250 111C
-
Transmit Channel 4 Config A Registers
0250 1120 - 0250 113C
-
Transmit Channel 4 Config B Registers
0250 1140 - 0250 115C
-
Transmit Channel 5 Config A Registers
0250 1160 - 0250 117C
-
Transmit Channel 5 Config B Registers
0250 1180 - 0250 17FC
-
Reserved
0250 1800 - 0250 181C
-
Receive Channel 0 Config A Registers
0250 1820 - 0250 183C
-
Receive Channel 0 Config B Registers
0250 1840 - 0250 185C
-
Receive Channel 1 Config A Registers
0250 1860 - 0250 187C
-
Receive Channel 1 Config B Registers
0250 1880 - 0250 189C
-
Receive Channel 2 Config A Registers
0250 18A0 - 0250 18BC
-
Receive Channel 2 Config B Registers
0250 18C0 - 0250 18DC
-
Receive Channel 3 Config A Registers
0250 18E0 - 0250 18FC
-
Receive Channel 3 Config B Registers
0250 1900 - 0250 191C
-
Receive Channel 4 Config A Registers
0250 1920 - 0250 193C
-
Receive Channel 4 Config B Registers
0250 1940 - 0250 195C
-
Receive Channel 5 Config A Registers
0250 1960 - 0250 197C
-
Receive Channel 5 Config B Registers
0250 1980 - 0250 19FC
-
Reserved
Table 7-66. DMATCU Transmit Channels 0-5 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0250 1000
DXCH_ABASE0
Transmit Channel 0 Memory Base Address Register A
0250 1004
DXCH_AFALLOC0
Transmit Channel 0 Frame Allocation Register A
0250 1008
DXCH_AFSIZE0
Transmit Channel 0 Frame Size Register A
0250 100C
DXCH_AFCNT0
Transmit Channel 0 Frame Count Register A
0250 1010 - 0250 101C
-
Reserved
0250 1020
DXCH_BBASE0
Transmit Channel 0 Memory Base Address Register B
0250 1024
DXCH_BFALLOC0
Transmit Channel 0 Frame Allocation Register B
0250 1028
DXCH_BFSIZE0
Transmit Channel 0 Frame Size Register B
0250 102C
DXCH_BFCNT0
Transmit Channel 0 Frame Count Register B
0250 1030 - 0250 103C
-
Reserved
0250 1040
DXCH_ABASE1
Transmit Channel 1 Memory Base Address Register A
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
193
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com