Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 198 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 198 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 194Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 195Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 196Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 197Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 198Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 199Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 200Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 201Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 7-69. TDMU Channel Buffers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0251 AD00 - 0253 FFFC
-
Reserved
7.14.2 TSIP1 Peripheral Register Descriptions
Table 7-70. TSIP Module Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0254 0000
PID
PID Register
0254 0004
EMUTST
Emulation and Test Register
0254 0008
RST
Reset Register
0254 000C - 0254 007C
-
Reserved
Table 7-71. Serial Interface Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0254 0080
SIUCTL
SIU Global Control Register
0254 0084 - 0254 009C
-
Reserved
0254 00A0
XCLK
Transmit Clock Source Register
0254 00A4
XCTL
Transmit Control Register
0254 00A8
XSIZE
Transmit Size Register
0254 00AC - 0254 00BC
-
Reserved
0254 00C0
RCLK
Receive Clock Source Register
0254 00C4
RCTL
Receive Control Register
0254 00C8
RSIZE
Receive Size Register
0254 00CC - 0254 00FC
-
Reserved
Table 7-72. TDMU Global Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0254 0100
TDMUCTL
TDMU Global Control Register
0254 0104
XFRFC
Transmit Free-Running Frame Counter
0254 0108
RFRFC
Receive Free-Running Frame Counter
0254 010C
TDMUCFG
TDMU Global Configuration Register
0254 0110
XBMST
Transmit Channel Active Status Register
0254 0114
RBMST
Receive Channel Active Status Register
0254 0118 - 0254 017C
-
Reserved
Table 7-73. DMATCU Global Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0254 0180
DMACTL
DMATCU Global Control Register
0254 0184
XDLY
Transmit Timeslot Delay Counter
0254 0188
RDLY
Receive Timeslot Delay Counter
0254 018C
-
Reserved
0254 0190
XCHST
Transmit Channel Active Status Register
0254 0194
RCHST
Receive Channel Active Status Register
0254 019C - 0254 01FC
-
Reserved
198
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com