| Electronic Components Datasheet Search |
|
TMS320C6472ECTZ Datasheet(PDF) 225 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6472ECTZ Datasheet(HTML) 225 Page - Texas Instruments |
|
225 / 269 page ![]() TMS320C6472 www.ti.com SPRS612G – JUNE 2009 – REVISED JULY 2011 Table 7-104. EMAC1 Statistics Registers HEX ADDRESS RANGE ACRONYM REGISTER NAME 02CC 0200 RXGOODFRAMES Good Receive Frames Register Broadcast Receive Frames Register 02CC 0204 RXBCASTFRAMES (Total number of good broadcast frames received) Multicast Receive Frames Register 02CC 0208 RXMCASTFRAMES (Total number of good multicast frames received) 02CC 020C RXPAUSEFRAMES Pause Receive Frames Register Receive CRC Errors Register (Total number of frames received with 02CC 0210 RXCRCERRORS CRC errors) Receive Alignment/Code Errors Register 02CC 0214 RXALIGNCODEERRORS (Total number of frames received with alignment/code errors) Receive Oversized Frames Register 02CC 0218 RXOVERSIZED (Total number of oversized frames received) Receive Jabber Frames Register 02CC 021C RXJABBER (Total number of jabber frames received) Receive Undersized Frames Register 02CC 0220 RXUNDERSIZED (Total number of undersized frames received) 02CC 0224 RXFRAGMENTS Receive Frame Fragments Register 02CC 0228 RXFILTERED Filtered Receive Frames Register 02CC 022C RXQOSFILTERED Received QOS Filtered Frames Register Receive Octet Frames Register 02CC 0230 RXOCTETS (Total number of received bytes in good frames) Good Transmit Frames Register 02CC 0234 TXGOODFRAMES (Total number of good frames transmitted) 02CC 0238 TXBCASTFRAMES Broadcast Transmit Frames Register 02CC 023C TXMCASTFRAMES Multicast Transmit Frames Register 02CC 0240 TXPAUSEFRAMES Pause Transmit Frames Register 02CC 0244 TXDEFERRED Deferred Transmit Frames Register 02CC 0248 TXCOLLISION Transmit Collision Frames Register 02CC 024C TXSINGLECOLL Transmit Single Collision Frames Register 02CC 0250 TXMULTICOLL Transmit Multiple Collision Frames Register 02CC 0254 TXEXCESSIVECOLL Transmit Excessive Collision Frames Register 02CC 0258 TXLATECOLL Transmit Late Collision Frames Register 02CC 025C TXUNDERRUN Transmit Underrun Error Register 02CC 0260 TXCARRIERSENSE Transmit Carrier Sense Errors Register 02CC 0264 TXOCTETS Transmit Octet Frames Register 02CC 0268 FRAME64 Transmit and Receive 64 Octet Frames Register 02CC 026C FRAME65T127 Transmit and Receive 65 to 127 Octet Frames Register 02CC 0270 FRAME128T255 Transmit and Receive 128 to 255 Octet Frames Register 02CC 0274 FRAME256T511 Transmit and Receive 256 to 511 Octet Frames Register 02CC 0278 FRAME512T1023 Transmit and Receive 512 to 1023 Octet Frames Register 02CC 027C FRAME1024TUP Transmit and Receive 1024 to 1518 Octet Frames Register 02CC 0280 NETOCTETS Network Octet Frames Register 02CC 0284 RXSOFOVERRUNS Receive FIFO or DMA Start of Frame Overruns Register 02CC 0288 RXMOFOVERRUNS Receive FIFO or DMA Middle of Frame Overruns Register Receive DMA Start of Frame and Middle of Frame Overruns 02CC 028C RXDMAOVERRUNS Register 02CC 0290 - 02CC 02FC - Reserved Copyright © 2009–2011, Texas Instruments Incorporated C64x+ Peripheral Information and Electrical Specifications 225 Submit Documentation Feedback Product Folder Link(s) :TMS320C6472 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |