Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 228 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 228 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 224Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 225Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 226Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 227Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 228Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 229Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 230Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 231Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 232Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 269 page
background image
[G]MTCLK
2
3
1
4
4
MRCLK (input)
1
2
MRXD3-MRXD0,
MRXDV, MRXER (inputs)
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Figure 7-49. [G]MTCLK Timing
Table 7-112. Timing Requirements for EMAC MII and GMII Receive 10/100 Mbit/s
(see Figure 7-50)
500/625/700
NO.
PARAMETER
10/100 Mbps
UNIT
MIN
MAX
tsu(GMII_MRXD)
Setup time, GMII_MRXD to GMII_MRCLK rising edge
8
1
tsu(GMII_MRXDV)
Setup time, GMII_MRXDV to GMII_MRCLK rising edge
8
ns
tsu(GMII_MRXER)
Setup time, GMII_MRXER to GMII_MRCLK rising edge
8
th(GMII_MRXD)
Hold time, GMII_MRXD valid after GMII_RCLK rising edge
8
2
th(GMII_MRXDV)
Hold time, GMII_MRXDV valid after GMII_RCLK rising edge
8
ns
th(GMII_MRXER)
Hold time, GMII_MRXDV valid after GMII_RCLK rising edge
8
Table 7-113. Timing Requirements for EMAC MII and GMII Receive 1000 Mbit/s
(see Figure 7-50)
500/625/700
NO.
PARAMETER
1000 Mbps
UNIT
MIN
MAX
tsu(GMII_G_MRXD)
Setup time, GMII_MRXD to GMII_MRCLK rising edge
2.5
1
tsu(GMII_G_MRXDV)
Setup time, GMII_MRXDV to GMII_MRCLK rising edge
2.5
ns
tsu(GMII_G_MRXER)
Setup time, GMII_MRXER to GMII_MRCLK rising edge
2.5
th(GMII_G_MRXD)
Hold time, GMII_MRXD valid after GMII_RCLK rising edge
0.2
2
th(GMII_G_MRXDV)
Hold time, GMII_MRXDV valid after GMII_RCLK rising edge
0.2
ns
th(GMII_G_MRXER)
Hold time, GMII_MRXDV valid after GMII_RCLK rising edge
0.2
Figure 7-50. Input Timing
228
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com