Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 232 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 232 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 228Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 229Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 230Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 231Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 232Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 233Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 234Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 235Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 236Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 269 page
background image
RGTXC
RGTD[3:0]
RGTXCTL
6
7
4
1
2
3
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 7-120. Switching Characteristics Over Recommended Operating Conditions for EMAC RGMII
Output Operation 10/100/1000 Mbit/s
(see Figure 7-54)
500/625/700
NO.
PARAMETER
SPEED
UNIT
MIN
MAX
10 Mbps
360
440
1
tc(RGTXC)
Cycle time, RGTXC
100 Mbps
36
44
ns
1000 Mbps
7.2
8.8
10/100 Mbps
0.40*tc(RGTXC)
0.60*tc(RGTXC)
2
tw(RGTXCH)
Pulse duration, RGTXC high
ns
1000 Mbps
0.45*tc(RGTXC)
0.55*tc(RGTXC)
10/100 Mbps
0.40*tc(RGTXC)
0.60*tc(RGTXC)
3
tw(RGTXCL)
Pulse duration, RGTXC low
ns
1000 Mbps
0.45*tc(RGTXC)
0.55*tc(RGTXC)
4
tt(RGTXC)
Transition time, RGTXC
10/100/1000 Mbps
0.75
ns
6
tsu(RGTDV-RGTXC)
Setup time, transmit selected signals
10/100/1000 Mbps
(RGTD[3:0] and RGTXCTL) valid before
1.2
ns
RGTXC high/low
7
th(RGTXC-RGTDV)
Hold time, transmit selected signals
10/100/1000 Mbps
(RGTD[3:0] and RGTXCTL) valid after
1.2
ns
RGTXC high/low
Figure 7-54. RGMII Output Timing
232
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com