Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 234 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 234 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 230Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 231Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 232Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 233Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 234Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 235Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 236Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 237Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 238Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 269 page
background image
2
3
TX_CLK
TX_SYNC
TX_DATA
1
1
2
5
RX_CLK
RX_SYNC
RX_DATA
3
4
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.15.4.4 EMAC SSMII Electrical Data/Timing
Table 7-122. Timing Requirements for EMAC SSMII Transmit
(see Figure 7-56)
500/625/700
NO.
PARAMETER
UNIT
MIN
TYP
MAX
1
tc(TX_CLK)
Cycle time, TX_CLK
8
ns
td(TX_CLK-
2
Delay time, TX_CLK high to TX_SYNC output valid
0.5
4.5
ns
TX_SYNC)
td(TX_CLK-
3
Delay time, TX_CLK high to TX_DATA output valid
0.5
4.5
ns
TX_DATA)
Figure 7-56. SSMII Transmit Timing
Table 7-123. Timing Requirements for EMAC SSMII Receive
(see Figure 7-57)
500/625/700
NO.
PARAMETER
UNIT
MIN
TYP
MAX
1
tc(TR_CLK)
Cycle time, TR_CLK
8
ns
2
tsu(RX_SYNC)
Setup time, RX_SYNC setup time
1.5
ns
3
th(RX_SYNC)
Hold time, RX_SYNC hold time
1
ns
4
tsu(RX_DATA)
Setup time, RX_DATA setup time
1.5
ns
5
th(RX_DATA)
Hold time, RX_DATA hold time
1
ns
Figure 7-57. SSMII Receive Timing
234
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com