Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 237 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 237 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 233Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 234Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 235Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 236Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 237Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 238Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 239Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 240Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 241Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.16 Timers
The timers can be used to: time events, count events, generate pulses, interrupt the CPU, and send
synchronization events to the EDMA. The localized timers (Timer 0 - Timer 5) can also be used as
watchdog timers.
7.16.1 Timer Device-Specific Information
The C6472 device has six localized timers (Timer 0 - Timer 5) and six shared timers (Timer 6 - Timer 11).
Each of the localized timers can be configured as a general-purpose timer or a watchdog timer. Each of
the shared timers is a general-purpose timer. When configured as a general-purpose timer, each timer
can be programmed as a 64-bit timer or as two separate 32-bit timers. The localized timers are clocked
with an internal clock with a CPU/6 frequency. The shared timers can also be clocked with the same
internal clock frequency or with an external signal provided on TIMI0 or TIMI1.
Each timer is made up of two 32-bit counters: a high counter and a low counter. The TIMI0 pin is
connected to the low counter of each of the shared timers and the TIMI1 pin is connected to the high
counter of each of the shared timers. The output of one of the shared timers, either the high counter or the
low counter, can be selected to be output on the timer output pin (TIMO2).
When Timer 0 - Timer 5 are configured as watchdog timers, each core should maintain its own watchdog.
Each core should also configure the corresponding RSTMUX0-5 register (see Section 3.8.2) to define the
action that will be taken if a watchdog timeout occurs. In addition to the internally defined actions, a
watchdog timeout results in the assertion of the WDOUT pin. WDOUT is a logically-combined signal from
the six individual watchdog timers. A host can determine which of the six cores experienced the watchdog
timeout by reading the RSTMUX registers or having the contents of those registers reported by one of the
cores.
7.16.2 Timer Peripheral Register Descriptions
Table 7-127. Timer 0 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
025E 0000
-
Reserved
025E 0004
EMUMGT_CLKSPD0
Timer 0 Emulation Management/Clock Speed Register
025E 0008
-
Reserved
025E 000C
-
Reserved
025E 0010
CNTLO0
Timer 0 Counter Register Low
025E 0014
CNTHI0
Timer 0 Counter Register High
025E 0018
PRDLO0
Timer 0 Period Register Low
025E 001C
PRDHI0
Timer 0 Period Register High
025E 0020
TCR0
Timer 0 Control Register
025E 0024
TGCR0
Timer 0 Global Control Register
025E 0028
WDTCR0
Timer 0 Watchdog Timer Control Register
025E 002C - 025E FFFC
-
Reserved
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
237
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com