Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 235 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 235 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 231Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 232Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 233Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 234Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 235Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 236Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 237Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 238Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 239Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.15.5
Management Data Input/Output (MDIO)
The Management Data Input/Output (MDIO) module implements the 802.3 serial management interface to
interrogate and controls up to 32 Ethernet PHY(s) connected to the device, using a shared two-wire bus.
Application software uses the MDIO module to configure the negotiation parameters of each PHY
attached to the EMAC, retrieve the negotiation results, and configure required parameters in the EMAC
module for correct operation. The module is designed to allow almost transparent operation of the MDIO
interface, with very little maintenance from the core processor.
The EMAC control module is the main interface between the device core processor, the MDIO module,
and the EMAC module. The relationship between these three components is shown in Figure 7-47.
The MDIO uses the same pins for the MII, GMII, S3MII, and RMII modes. Standalone pins are included for
the RGMII mode due to specific voltage requirements. Only one mode can be used at a time. The mode
used is selected at device reset based on the MACSEL0[2:0] configuration pins (for more detailed
information, see Section 3, Device Configuration section of this document).
For more detailed information on the EMAC/MDIO, see the TMS320C6472/TMS320TCI6486 DSP
Ethernet Media Access Controller (EMAC)/Management Data Input/Output (MDIO) Module User's Guide
(literature number SPRUEF8).
7.15.5.1 MDIO Device-Specific Information
Clocking Information
The on-chip PLL2 and PLL2 Controller generate all the clocks to the MDIO module. When enabled, the
input clock to the PLL2 Controller (CLKIN2) must have a 25-MHz frequency. For more information, see
Section 7.9, PLL2 and PLL2 Controller of this document.
7.15.5.2 MDIO Peripheral Register Descriptions
Table 7-124. MDIO Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02C8 1800
VERSION
MDIO Version Register
02C8 1804
CONTROL
MDIO Control Register
02C8 1808
ALIVE
MDIO PHY Alive Status Register
02C8 180C
LINK
MDIO PHY Link Status Register
02C8 1810
LINKINTRAW
MDIO Link Status Change Interrupt (Unmasked) Register
02C8 1814
LINKINTMASKED
MDIO Link Status Change Interrupt (Masked) Register
02C8 1818 - 02C8 181C
-
Reserved
02C8 1820
USERINTRAW
MDIO User Command Complete Interrupt (Unmasked) Register
02C8 1824
USERINTMASKED
MDIO User Command Complete Interrupt (Masked) Register
02C8 1828
USERINTMASKSET
MDIO User Command Complete Interrupt Mask Set Register
02C8 182C
USERINTMASKCLEAR
MDIO User Command Complete Interrupt Mask Clear Register
02C8 1830 - 02C8 187C
-
Reserved
02C8 1880
USERACCESS0
MDIO User Access Register 0
02C8 1884
USERPHYSEL0
MDIO User PHY Select Register 0
02C8 1888
USERACCESS1
MDIO User Access Register 1
02C8 188C
USERPHYSEL1
MDIO User PHY Select Register 1
02C8 1890 - 02C8 1FFC
-
Reserved
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
235
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com