Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 231 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 231 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 227Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 228Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 229Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 230Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 231Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 232Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 233Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 234Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 235Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 269 page
background image
RGCLK
2
3
4
4
1
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.15.4.3
EMAC RGMII Electrical Data/Timing
An extra clock signal, RGREFCLK, running at 125 MHz is included as a convenience to the user. Note
that this reference clock is not a free-running clock. This should only be used by an external device if it
does not expect a valid clock during device reset.
Table 7-119. Switching Characteristics Over Recommended Operating Conditions for EMAC RGREFCLK -
RGMII Operation
(see Figure 7-53)
500/625/700
NO.
PARAMETER
UNIT
MIN
TYP
MAX
1
tc(RGFCLK)
Cycle time, RGREFCLK
8
ns
2
tw(RGFCLKH)
Pulse duration, RGREFCLK high
0.45 * tc(RGFCLK)
0.55 * tc(RGFCLK)
ns
3
tw(RGFCLKL)
Pulse duration, RGREFCLK low
0.45 * tc(RGFCLK)
0.55 * tc(RGFCLK)
ns
4
tt(RGFCLK)
Transition time, RGREFCLK
0.5
ns
Figure 7-53. RGMII Reference Clock (Output)
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
231
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com