Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 230 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 230 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 226Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 227Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 228Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 229Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 230Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 231Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 232Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 233Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 234Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 269 page
background image
RMREFCLK
(input)
1
3
4
4
2
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.15.4.2
EMAC RMII Electrical Data/Timing
The RMREFCLK pin is used to source a clock to the EMAC when it is configured for RMII operation. The
RMREFCLK frequency should be 50 MHz
±50 PPM with a duty cycle between 35% and 65%, inclusive.
Table 7-116. Timing Requirements for RMREFCLK - RMII Operation
(see Figure 7-52)
500/625/700
NO.
PARAMETER
UNIT
MIN
TYP
MAX
1
tc(RFCK)
Cycle time, REFCLK
20
ns
2
tw(RFCKH)
Pulse duration, REFCLK high
7
13
ns
3
tw(RFCKL)
Pulse duration, REFCLK low
7
13
ns
4
tt(RFCK)
Transition time, REFCLK
2
ns
Figure 7-52. RMII Reference Clock (Input)
Table 7-117. Timing Requirements for EMAC RMII Receive
500/625/700
UNIT
PARAMETER
MIN
MAX
tsu(RXD-RFCK)
Setup time, RXD to REFCLK rising edge
4
ns
tsu(CDV-RFCK)
Setup time, CRSDV to REFCLK rising edge
4
ns
tsu(RXER-RFCK)
Setup time, RXER to REFCLK rising edge
4
ns
th(RFCK-RXD)
Hold time, RXD valid after REFCLK rising edge
2
ns
th(RFCK-CDV)
Hold time, CRSDV valid after REFCLK rising edge
2
ns
th(RFCK-RXER)
Hold time, RXER valid after REFCLK rising edge
2
ns
Table 7-118. Timing Requirements for EMAC RMII Transmit
500/625/700
UNIT
PARAMETER
MIN
MAX
td(RFCK-TXDV)
Delay time, REFCLK rising edge to TXD
2.5
13
ns
td(RFCK-TXENV)
Delay time, REFCLK rising edge to TXENV
2.5
13
ns
230
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com