Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 227 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 227 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 223Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 224Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 225Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 226Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 227Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 228Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 229Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 230Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 231Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 269 page
background image
MRCLK
2
3
1
4
4
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.15.4 EMAC Electrical Data/Timing (MII, GMII, RMII, RGMII, and SSMII)
7.15.4.1 EMAC MII and GMII Electrical Data/Timing
Table 7-109. Timing Requirements for MRCLK - MII and GMII Operation
(see Figure 7-48)
500/625/700
NO.
1000 Mbps
100 Mbps
10 Mbps
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(MRCLK)
Cycle time, MRCLK
8
40
400
ns
2
tw(MRCLKH)
Pulse duration, MRCLK high
2.8
14
140
ns
3
tw(MRCLKL)
Pulse duration, MRCLK low
2.8
14
140
ns
4
tt(MRCLK)
Transition time, MRCLK
1
3
3
ns
Figure 7-48. MRCLK Timing
Table 7-110. Switching Characteristics Over Recommended Operating Conditions for MTCLK -
MII Operation
(see Figure 7-49)
500/625/700
NO.
100 Mbps
10 Mbps
UNIT
MIN
MAX
MIN
MAX
1
tc(MTCLK)
Cycle time, MTCLK
40
400
ns
2
tw(MTCLKH)
Pulse duration, MTCLK high
14
140
ns
3
tw(MTCLKL)
Pulse duration, MTCLK low
14
140
ns
4
tt(MTCLK)
Transition time, MTCLK
3
3
ns
Table 7-111. Switching Characteristics Over Recommended Operating Conditions for GMTCLK -
GMII Operation
(see Figure 7-49)
500/625/700
NO.
1000 Mbps
UNIT
MIN
MAX
1
tc(GMTCLK)
Cycle time, GMTCLK
8
ns
2
tw(GMTCLKH)
Pulse duration, GMTCLK high
2.8
ns
3
tw(GMTCLKL)
Pulse duration, GMTCLK low
2.8
ns
4
tt(GMTCLK)
Transition time, GMTCLK
1
ns
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
227
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com