Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 252 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 252 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 248Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 249Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 250Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 251Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 252Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 253Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 254Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 255Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 256Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 7-150. RapidIO Control Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02D0 0460
LSU4_REG0
LSU4 Control Register 0
02D0 0464
LSU4_REG1
LSU4 Control Register 1
02D0 0468
LSU4_REG2
LSU4 Control Register 2
02D0 046C
LSU4_REG3
LSU4 Control Register 3
02D0 0470
LSU4_REG4
LSU4 Control Register 4
02D0 0474
LSU4_REG5
LSU4 Control Register 5
02D0 0478
LSU4_REG6
LSU4 Control Register 6
02D0 047C
LSU4_FLOW_MASKS3
LSU4 Congestion Control Flow Mask Register
02D0 0480 - 02D0 04FC
-
Reserved
02D0 0500
QUEUE0_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register 0
02D0 0504
QUEUE1_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register 1
02D0 0508
QUEUE2_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register 2
02D0 050C
QUEUE3_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register 3
02D0 0510
QUEUE4_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register 4
02D0 0514
QUEUE5_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register 5
02D0 0518
QUEUE6_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register 6
02D0 051C
QUEUE7_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register 7
02D0 0520
QUEUE8_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register 8
02D0 0524
QUEUE9_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register 9
02D0 0528
QUEUE10_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register
10
02D0 052C
QUEUE11_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register
11
02D0 0530
QUEUE12_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register
12
02D0 0534
QUEUE13_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register
13
02D0 0538
QUEUE14_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register
14
02D0 053C
QUEUE15_TXDMA_HDP
Queue Transmit DMA Head Descriptor Pointer Register
15
02D0 0540 - 02D0 057C
-
Reserved
02D0 0580
QUEUE0_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 0
02D0 0584
QUEUE1_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 1
02D0 0588
QUEUE2_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 2
02D0 058C
QUEUE3_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 3
02D0 0590
QUEUE4_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 4
02D0 0594
QUEUE5_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 5
02D0 0598
QUEUE6_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 6
02D0 059C
QUEUE7_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 7
02D0 05A0
QUEUE8_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 8
02D0 05A4
QUEUE9_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 9
02D0 05A8
QUEUE10_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 10
02D0 05AC
QUEUE11_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 11
02D0 05B0
QUEUE12_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 12
02D0 05B4
QUEUE13_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 13
02D0 05B8
QUEUE14_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 14
02D0 05BC
QUEUE15_TXDMA_CP
Queue Transmit DMA Completion Pointer Register 15
02D0 05D0 - 02D0 05FC
-
Reserved
252
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com