Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 256 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 256 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 252Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 253Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 254Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 255Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 256Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 257Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 258Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 259Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 260Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 7-150. RapidIO Control Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02D0 101C
DEST_OP
Destination Operations CAR
02D0 1020 - 02D0 1048
-
Reserved
02D0 104C
PE_LL_CTL
Processing Element Logical Layer Control CSR
02D0 1050 - 02D0 1054
-
Reserved
02D0 1058
LCL_CFG_HBAR
Local Configuration Space Base Address 0 CSR
02D0 105C
LCL_CFG_BAR
Local Configuration Space Base Address 1 CSR
02D0 1060
BASE_ID
Base Device ID CSR
02D0 1064
-
Reserved
02D0 1068
HOST_BASE_ID_LOCK
Host Base Device ID Lock CSR
02D0 106C
COMP_TAG
Component Tag CSR
02D0 1070 - 02D0 10FC
-
Reserved
RapidIO Extended Features - LP Serial Registers
02D0 1100
SP_MB_HEAD
1x/4x LP_Serial Port Maintenance Block Header
02D0 1104 - 02D0 1118
02D0 1120
SP_LT_CTL
Port Link Time-Out Control CSR
02D0 1124
SP_RT_CTL
Port Response Time-Out Control CSR
02D0 1128 - 02D0 1138
-
Reserved
02D0 113C
SP_GEN_CTL
Port General Control CSR
02D0 1140
SP0_LM_REQ
Port 0 Link Maintenance Request CSR
02D0 1144
SP0_LM_RESP
Port 0 Link Maintenance Response CSR
02D0 1148
SP0_ACKID_STAT
Port 0 Local AckID Status CSR
02D0 114C - 02D0 1154
-
Reserved
02D0 1158
SP0_ERR_STAT
Port 0 Error and Status CSR
02D0 115C
SP0_CTL
Port 0 Control CSR
02D0 1160
SP1_LM_REQ
Port 1 Link Maintenance Request CSR
02D0 1164
SP1_LM_RESP
Port 1 Link Maintenance Response CSR
02D0 1168
SP1_ACKID_STAT
Port 1 Local AckID Status CSR
02D0 116C - 02D0 1174
-
Reserved
02D0 1178
SP1_ERR_STAT
Port 1 Error and Status CSR
02D0 117C
SP1_CTL
Port 1 Control CSR
02D0 1180
SP2_LM_REQ
Port 2 Link Maintenance Request CSR
02D0 1184
SP2_LM_RESP
Port 2 Link Maintenance Response CSR
02D0 1188
SP2_ACKID_STAT
Port 2 Local AckID Status CSR
02D0 118C - 02D0 1194
-
Reserved
02D0 1198
SP2_ERR_STAT
Port 2 Error and Status CSR
02D0 119C
SP2_CTL
Port 2 Control CSR
02D0 11A0
SP3_LM_REQ
Port 3 Link Maintenance Request CSR
02D0 11A4
SP3_LM_RESP
Port 3 Link Maintenance Response CSR
02D0 11A8
SP3_ACKID_STAT
Port 3 Local AckID Status CSR
02D0 11AC - 02D0 11B4
-
Reserved
02D0 11B8
SP3_ERR_STAT
Port 3 Error and Status CSR
02D0 11BC
SP3_CTL
Port 3 Control CSR
02D0 11C0 - 02D0 1FFC
-
Reserved
RapidIO Extended Feature - Error Management Registers
02D0 2000
ERR_RPT_BH
Error Reporting Block Header
02D0 2004
-
Reserved
02D0 2008
ERR_DET
Logical/Transport Layer Error Detect CSR
256
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com