Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 259 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 259 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 255Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 256Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 257Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 258Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 259Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 260Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 261Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 262Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 263Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 269 page
background image
GPIx
2
1
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.19 General-Purpose Input/Output (GPIO)
7.19.1 GPIO Device-Specific Information
On the C6472 device, the GPIO peripheral pins are muxed with configuration inputs that are captured at
device reset. For more detailed information on device/peripheral configuration and the C6472 device pin
muxing, see Section 3, Device Configuration.
7.19.2 GPIO Peripheral Register Descriptions
Table 7-151. GPIO Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02B0 0000
GPIOPID
GPIO Peripheral ID Register
02B0 0004
GPIOEMU
GPIO Emulation Control Register
02B0 0008
BINTEN
GPIO Interrupt Per Bank Enable Register
02B0 000C
-
Reserved
02B0 0010
DIR
GPIO Direction Register
02B0 0014
OUT_DATA
GPIO Output Data register
02B0 0018
SET_DATA
GPIO Set Data register
02B0 001C
CLR_DATA
GPIO Clear Data Register
02B0 0020
IN_DATA
GPIO Input Data Register
02B0 0024
SET_RIS_TRIG
GPIO Set Rising Edge Interrupt Register
02B0 0028
CLR_RIS_TRIG
GPIO Clear Rising Edge Interrupt Register
02B0 002C
SET_FAL_TRIG
GPIO Set Falling Edge Interrupt Register
02B0 0030
CLR_FAL_TRIG
GPIO Clear Falling Edge Interrupt Register
02B0 008C - 02B0 3FFC
-
Reserved
7.19.3 GPIO Electrical Data/Timing
Table 7-152. Timing Requirements for General-Purpose Input(1)
(see Figure 7-65)
500/625/700
NO.
UNIT
MIN
MAX
1
tw(GPIH)
Pulse duration, GPIx high
12P
ns
2
tw(GPIL)
Pulse duration, GPIx low
12P
ns
(1)
P = 1/CPU clock frequency in ns.
Figure 7-65. General-Purpose Input Port Timing
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
259
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com