Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 257 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 257 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 253Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 254Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 255Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 256Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 257Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 258Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 259Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 260Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 261Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 7-150. RapidIO Control Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02D0 200C
ERR_EN
Logical/Transport Layer Error Enable CSR
02D0 2010
H_ADDR_CAPT
Logical/Transport Layer High Address Capture CSR
02D0 2014
ADDR_CAPT
Logical/Transport Layer Address Capture CSR
02D0 2018
ID_CAPT
Logical/Transport Layer Device ID Capture CSR
02D0 201C
CTRL_CAPT
Logical/Transport Layer Control Capture CSR
02D0 2020 - 02D0 2024
-
Reserved
02D0 2028
PW_TGT_ID
Port-Write Target Device ID CSR
02D0 202C - 02D0 203C
-
Reserved
02D0 2040
SP0_ERR_DET
Port 0 Error Detect CSR
02D0 2044
SP0_RATE_EN
Port 0 Error Enable CSR
02D0 2048
SP0_ERR_ATTR_CAPT_DBG0
Port 0 Attributes Error Capture CSR 0
02D0 204C
SP0_ERR_CAPT_DBG1
Port 0 Packet/Control Symbol Error Capture CSR 1
02D0 2050
SP0_ERR_CAPT_DBG2
Port 0 Packet/Control Symbol Error Capture CSR 2
02D0 2054
SP0_ERR_CAPT_DBG3
Port 0 Packet/Control Symbol Error Capture CSR 3
02D0 2058
SP0_ERR_CAPT_DBG4
Port 0 Packet/Control Symbol Error Capture CSR 4
02D0 205C - 02D0 2064
-
Reserved
02D0 2068
SP0_ERR_RATE
Port 0 Error Rate CSR 0
02D0 206C
SP0_ERR_THRESH
Port 0 Error Rate Threshold CSR
02D0 2070 - 02D0 207C
-
Reserved
02D0 2080
SP1_ERR_DET
Port 1 Error Detect CSR
02D0 2084
SP1_RATE_EN
Port 1 Error Enable CSR
02D0 2088
SP1_ERR_ATTR_CAPT_DBG0
Port 1 Attributes Error Capture CSR 0
02D0 208C
SP1_ERR_CAPT_DBG1
Port 1 Packet/Control Symbol Error Capture CSR 1
02D0 2090
SP1_ERR_CAPT_DBG2
Port 1 Packet/Control Symbol Error Capture CSR 2
02D0 2094
SP1_ERR_CAPT_DBG3
Port 1 Packet/Control Symbol Error Capture CSR 3
02D0 2098
SP1_ERR_CAPT_DBG4
Port 1 Packet/Control Symbol Error Capture CSR 4
02D0 209C - 02D0 20A4
-
Reserved
02D0 20A8
SP1_ERR_RATE
Port 1 Error Rate CSR
02D0 20AC
SP1_ERR_THRESH
Port 1 Error Rate Threshold CSR
02D0 20B0 - 02D0 20BC
-
Reserved
02D0 20C0
SP2_ERR_DET
Port 2 Error Detect CSR
02D0 20C4
SP2_RATE_EN
Port 2 Error Enable CSR
02D0 20C8
SP2_ERR_ATTR_CAPT_DBG0
Port 2 Attributes Error Capture CSR 0
02D0 20CC
SP2_ERR_CAPT_DBG1
Port 2 Packet/Control Symbol Error Capture CSR 1
02D0 20D0
SP2_ERR_CAPT_DBG2
Port 2 Packet/Control Symbol Error Capture CSR 2
02D0 20D4
SP2_ERR_CAPT_DBG3
Port 2 Packet/Control Symbol Error Capture CSR 3
02D0 20D8
SP2_ERR_CAPT_DBG4
Port 2 Packet/Control Symbol Error Capture CSR 4
02D0 20DC - 02D0 20E4
-
Reserved
02D0 20E8
SP2_ERR_RATE
Port 2 Error Rate CSR
02D0 20EC
SP2_ERR_THRESH
Port 2 Error Rate Threshold CSR
02D0 20F0 - 02D0 20FC
-
Reserved
02D0 2100
SP3_ERR_DET
Port 3 Error Detect CSR
02D0 2104
SP3_RATE_EN
Port 3 Error Enable CSR
02D0 2108
SP3_ERR_ATTR_CAPT_DBG0
Port 3 Attributes Error Capture CSR 0
02D0 210C
SP3_ERR_CAPT_DBG1
Port 3 Packet/Control Symbol Error Capture CSR 1
02D0 2110
SP3_ERR_CAPT_DBG2
Port 3 Packet/Control Symbol Error Capture CSR 2
02D0 2114
SP3_ERR_CAPT_DBG3
Port 3 Packet/Control Symbol Error Capture CSR 3
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
257
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com