Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 261 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 261 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 257Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 258Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 259Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 260Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 261Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 262Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 263Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 264Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 265Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 269 page
background image
1
2
3
EMUClock
EMUTrace
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.20 Emulation Features and Capability
7.20.1 Advanced Event Triggering (AET)
The C6472 device supports Advanced Event Triggering (AET). This capability can be used to debug
complex problems as well as understand performance characteristics of user applications. AET provides
the following capabilities:
•
Hardware Program Breakpoints: specify addresses or address ranges that can generate events such
as halting the processor or triggering the trace capture.
•
Data Watchpoints: specify data variable addresses, address ranges, or data values that can generate
events such as halting the processor or triggering the trace capture.
•
Counters: count the occurrence of an event or cycles for performance monitoring.
•
State Sequencing: allows combinations of hardware program breakpoints and data watchpoints to
precisely generate events for complex sequences.
For more information on AET, see the following documents:
Using Advanced Event Triggering to Find and Fix Intermittent Real-Time Bugs application report (literature
number SPRA753)
Using Advanced Event Triggering to Debug Real-Time Problems in High Speed Embedded
Microprocessor Systems application report (literature number SPRA387)
7.20.2 Trace
The C6472 device supports Trace. Trace is a debug technology that provides a detailed, historical
account of application code execution, timing, and data accesses. Trace collects, compresses, and
exports debug information for analysis. Trace works in real-time and does not impact the execution of the
system.
For more information on board design guidelines for Trace Advanced Emulation, see the Emulation and
Trace Headers Technical Reference Manual (literature number SPRU655).
Table 7-154. Timing Requirements for Trace
(see Figure 7-67)
500/625/700
NO.
UNIT
MIN
MAX
tw(EMUnH)
Pulse duration, EMUn high
3 - 0.6(1)
ns
1
tw(EMUnH) 90%
Pulse duration, EMUn high detected at 90% VOH
1.5
tw(EMUnL)
Pulse duration, EMUn low
3 - 0.6(1)
2
tw(EMUnL) 10%
Pulse duration, EMUn low detected at 10% VOH
1.5
Output Skew time, time delay difference between EMU pins configured as
3
tsko(EMUn)
390 ps
1.8 ns
trace.
(1)
This parameter applies to the maximum trace export frequency operating in a 40/60 duty cycle.
Figure 7-67. Trace Timing
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
261
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com