Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 263 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 263 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 259Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 260Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 261Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 262Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 263Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 264Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 265Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 266Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 267Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 269 page
background image
2
1
3
4
TCLK
TDO
TDI/TMS
3
TCLK
EMUn
1
2
4
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.20.3.3 JTAG Electrical Data/Timing
Table 7-155. Timing Requirements for JTAG
(see Figure 7-68)
500/625/700
NO.
UNIT
MIN
MAX
1
tc(TCLK)
Cycle time, TCLK
23.255
(1)
ns
3
tsu(TDIV-TCLKH)
Setup time, TDI/TMS/TRST valid before TCLK high
3
ns
4
th(TCLKH-TDIV)
Hold time, TDI/TMS/TRST valid after TCLK high
6(2)
ns
(1)
Fully-synchronous design removes maximum clock period limitations.
(2)
Hold time measured from rising edge.
Table 7-156. Switching Characteristics Over Recommended Operating Conditions for JTAG
(see Figure 7-68)
500/625/700
NO.
UNIT
MIN
MAX
2
td(TCLKL-TDOV)
Delay time, TCLK low to TDO valid
0
12
ns
Figure 7-68. JTAG Timing
Table 7-157. Timing Requirements for HS-RTDX
(see Figure 7-69)
500/625/700
NO.
UNIT
MIN
MAX
1
tc(TCLK)
Cycle time, TCLK
10
20
ns
2
tsu(TCLKH-EMUn)
Setup time, EMUn input valid before TCLK high
1.5
ns
3
th(TCLKH-EMUn)
Hold time, EMUn input valid after TCLK high
3.0
ns
4
td(TCLKH-EMUn)
Delay time, TCLK high to EMUn output valid
3.0
tc(TCLK) - 3.5
ns
Figure 7-69. HS-RTDX Timing
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
263
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com