Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 262 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 262 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 258Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 259Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 260Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 261Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 262Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 263Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 264Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 265Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 266Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
7.20.3 IEEE 1149.1 JTAG
The JTAG interface is used to support boundary scan testing and emulation of the C6472 device. The
JTAG interface provides an asynchronous TRST and only the four primary JTAG signals (TCK, TDI, TMS,
and TDO) are required for boundary scan. The pins EMU0 and EMU1 have no effect on the operation of
the JTAG interface on the C6472 device. Most interfaces on the device follow the Boundary Scan Test
Specification (IEEE1149.1), while the SerDes (RapidIO) supports the AC coupled net test defined in AC
Coupled Net Test Specification (IEEE1149.6).
It is expected that all compliant devices are connected through the same JTAG interface, in daisy-chain
fashion, as per the specification.
7.20.3.1 IEEE 1149.1 JTAG Compatibility Statement
For maximum reliability, the C6472 DSP includes an internal pulldown (IPD) on the TRST pin to ensure
that TRST will always be asserted upon power up and the DSP's internal emulation logic will always be
properly initialized when this pin is not routed out. JTAG controllers from Texas Instruments actively drive
TRST high. However, some third-party JTAG controllers may not drive TRST high but expect the use of
an external pullup resistor on TRST. When using this type of JTAG controller, assert TRST to initialize the
DSP after powerup and externally drive TRST high before attempting any emulation or boundary scan
operations.
7.20.3.2 Boundary Scan Operation
The C6472 device supports boundary scan testing through the IEEE 1149.1 JTAG interface. The
TMS320C6472 BSDL Model (literature number SPRM384) is available to support boundary scan test
vector development. The BSDL model files list POR and RESET as compliance pins and define their
required state to be a 1. These pins must be pulled high prior to any boundary scan test sequence
initialization and they must remain steady at a high level throughout the boundary scan testing to attain
valid results. POR and RESET are the only pins (other than power and ground pins) that must remain at a
fixed state during the boundary scan testing.
The JTAG ID is commonly read by boundary scan test tools. Note that the VARIANT field in the JTAG ID
(see Section 3.10) may not be valid during boundary scan testing unless sufficient CLKIN1 clock cycles
have been received (see Section 7.7 and Figure 7-9).
In an ideal system designed for boundary scan test, all of the ICs would have their own JTAG interface
and all of the input and output pins would be controlled through the internal boundary scan cells. Since
many of the devices on boards, like clock buffers, do not contain boundary scan cells or a JTAG interface,
the outputs from these devices should be tristated during boundary scan testing. This allows all of the nets
attached to the C6472 device to be tested. Additionally, if testing is desired for SRIO, DDR, or RGMII pins
that may be powered down in some configurations, see the notes in Section 7.3.3. Additional BSDL files
are available for designs that have one or more of these three interfaces disabled.
262
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com