Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 253 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 253 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 249Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 250Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 251Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 252Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 253Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 254Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 255Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 256Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 257Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
Table 7-150. RapidIO Control Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02D0 0600
QUEUE0_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 0
02D0 0604
QUEUE1_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 1
02D0 0608
QUEUE2_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 2
02D0 060C
QUEUE3_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 3
02D0 0610
QUEUE4_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 4
02D0 0614
QUEUE5_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 5
02D0 0618
QUEUE6_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 6
02D0 061C
QUEUE7_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 7
02D0 0620
QUEUE8_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 8
02D0 0624
QUEUE9_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 9
02D0 0628
QUEUE10_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 10
02D0 062C
QUEUE11_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 11
02D0 0630
QUEUE12_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 12
02D0 0634
QUEUE13_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 13
02D0 0638
QUEUE14_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 14
02D0 063C
QUEUE15_RXDMA_HDP
Queue Receive DMA Head Descriptor Pointer Register 15
02D0 0640 - 02D0 067C
-
Reserved
02D0 0680
QUEUE0_RXDMA_CP
Queue Receive DMA Completion Pointer Register 0
02D0 0684
QUEUE1_RXDMA_CP
Queue Receive DMA Completion Pointer Register 1
02D0 0688
QUEUE2_RXDMA_CP
Queue Receive DMA Completion Pointer Register 2
02D0 068C
QUEUE3_RXDMA_CP
Queue Receive DMA Completion Pointer Register 3
02D0 0690
QUEUE4_RXDMA_CP
Queue Receive DMA Completion Pointer Register 4
02D0 0694
QUEUE5_RXDMA_CP
Queue Receive DMA Completion Pointer Register 5
02D0 0698
QUEUE6_RXDMA_CP
Queue Receive DMA Completion Pointer Register 6
02D0 069C
QUEUE7_RXDMA_CP
Queue Receive DMA Completion Pointer Register 7
02D0 06A0
QUEUE8_RXDMA_CP
Queue Receive DMA Completion Pointer Register 8
02D0 06A4
QUEUE9_RXDMA_CP
Queue Receive DMA Completion Pointer Register 9
02D0 06A8
QUEUE10_RXDMA_CP
Queue Receive DMA Completion Pointer Register 10
02D0 06AC
QUEUE11_RXDMA_CP
Queue Receive DMA Completion Pointer Register 11
02D0 06B0
QUEUE12_RXDMA_CP
Queue Receive DMA Completion Pointer Register 12
02D0 06B4
QUEUE13_RXDMA_CP
Queue Receive DMA Completion Pointer Register 13
02D0 06B8
QUEUE14_RXDMA_CP
Queue Receive DMA Completion Pointer Register 14
02D0 06BC
QUEUE15_RXDMA_CP
Queue Receive DMA Completion Pointer Register 15
02D0 06C0 - 02D0 006FC
-
Reserved
02D0 0700
TX_QUEUE_TEAR_DOWN
Transmit Queue Teardown Register
02D0 0704
TX_CPPI_FLOW_MASKS0
Transmit CPPI Supported Flow Mask Register 0
02D0 0708
TX_CPPI_FLOW_MASKS1
Transmit CPPI Supported Flow Mask Register 1
02D0 070C
TX_CPPI_FLOW_MASKS2
Transmit CPPI Supported Flow Mask Register 2
02D0 0710
TX_CPPI_FLOW_MASKS3
Transmit CPPI Supported Flow Mask Register 3
02D0 0714
TX_CPPI_FLOW_MASKS4
Transmit CPPI Supported Flow Mask Register 4
02D0 0718
TX_CPPI_FLOW_MASKS5
Transmit CPPI Supported Flow Mask Register 5
02D0 071C
TX_CPPI_FLOW_MASKS6
Transmit CPPI Supported Flow Mask Register 6
02D0 0720
TX_CPPI_FLOW_MASKS7
Transmit CPPI Supported Flow Mask Register 7
02D0 0724 - 02D0 073C
-
Reserved
02D0 0740
RX_QUEUE_TEAR_DOWN
Receive Queue Teardown Register
02D0 0744
RX_CPPI_CNTL
Receive CPPI Control Register
02D0 0748 - 02D0 07DC
-
Reserved
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
253
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com