Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591E Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 37Page - National Semiconductor (TI) PC87591E Datasheet HTML 38Page - National Semiconductor (TI) PC87591E Datasheet HTML 39Page - National Semiconductor (TI) PC87591E Datasheet HTML 40Page - National Semiconductor (TI) PC87591E Datasheet HTML 41Page - National Semiconductor (TI) PC87591E Datasheet HTML 42Page - National Semiconductor (TI) PC87591E Datasheet HTML 43Page - National Semiconductor (TI) PC87591E Datasheet HTML 44Page - National Semiconductor (TI) PC87591E Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
Revision 1.07
41
www.national.com
2.2
BUFFER TYPES AND SIGNAL/PIN DIRECTORY
The following sections contain detailed functional descriptions and electrical DC characteristics for the PC87591x signals.
The pin multiplexing and function selection criteria are described in Section 2.4 on page 54. The signal DC characteristics
are denoted by a buffer type symbol described briefly below and in further detail in Section 7.2 on page 374. The pin multi-
plexing information refers to two different types of multiplexing:
●
MUX - Multiplexed, denoted by a slash (/) between pins in the diagram in Section 2.1 on page 39. Pins are shared
between two different functions. Each function is associated with different board connectivity. Normally, the function
selection is determined by the board design and can not be changed dynamically. The multiplexing options must be
configured by the core in order to comply with the board implementation.
●
MM - Multiple Mode, denoted by an underscore (_) between pins in the diagram in Section 2.1 on page 39. Pins have
two or more modes of operation within the same function. These modes are associated with the same external
(board) connectivity. Mode selection may be controlled by the device driver through the registers of the functional
block and do not require a special setup. These pins are not considered multiplexed pins from the configuration per-
spective. The mode selection method as well as the signal specification in each mode are described in the functional
description.
Table 4. Buffer Types
Symbol
Description
INAC
Input, analog to ACM
INAD
Input, analog to ADC
INCS
Input, CMOS compatible, with Schmitt Trigger
INDI
Input, analog from remote diode
INOSC
Input, from crystal oscillator (not characterized)
INPCI
Input, PCI 3.3V
INSM
Input, SMBus compatible
INT
Input, TTL compatible
INTS
Input, TTL compatible, with Schmitt Trigger
INULR
Input, power, resistor protected (not characterized)
Op/n
Output, push-pull output buffer that is capable of sourcing p mA and sinking
n mA
ODn
Output, open-drain output buffer that is capable of sinking n mA
ODA
Output, analog from DAC
ODI
Output, analog to remote diode
OOSC
Output, to crystal oscillator (not characterized)
OPCI
Output, PCI 3.3V
PWR
Power pin
GND
Ground pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com