Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591E Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 41Page - National Semiconductor (TI) PC87591E Datasheet HTML 42Page - National Semiconductor (TI) PC87591E Datasheet HTML 43Page - National Semiconductor (TI) PC87591E Datasheet HTML 44Page - National Semiconductor (TI) PC87591E Datasheet HTML 45Page - National Semiconductor (TI) PC87591E Datasheet HTML 46Page - National Semiconductor (TI) PC87591E Datasheet HTML 47Page - National Semiconductor (TI) PC87591E Datasheet HTML 48Page - National Semiconductor (TI) PC87591E Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
Revision 1.07
45
www.national.com
2.2.6
General-Purpose I/O (GPIO) and Internal Keyboard Scan
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
KBSIN7-0
60-53
80-77,
74-71
IINCS/INAC VCC Keyboard Scan Inputs. The input side of the
internal keyboard scan lines. These inputs may
be configured to work with either Schmitt trigger
inputs, for operation with switch based
keyboards, or with internal analog voltage
comparators to interface to a resistive keyboard
matrix. KBSIN7-0 are referenced to VCC and
are designed to work using a 3.3V supply. See
Section 4.14 on page 208 for more details.
KBSOUT15-0 52-37
68-64,
61-56,
53-49
OOD6
VCC Keyboard Scan Outputs. The output side of
the internal keyboard scan lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com