Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591E Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 13Page - National Semiconductor (TI) PC87591E Datasheet HTML 14Page - National Semiconductor (TI) PC87591E Datasheet HTML 15Page - National Semiconductor (TI) PC87591E Datasheet HTML 16Page - National Semiconductor (TI) PC87591E Datasheet HTML 17Page - National Semiconductor (TI) PC87591E Datasheet HTML 18Page - National Semiconductor (TI) PC87591E Datasheet HTML 19Page - National Semiconductor (TI) PC87591E Datasheet HTML 20Page - National Semiconductor (TI) PC87591E Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 437 page
background image
Table of Contents (Continued)
Revision 1.07
17
www.national.com
5.3.4
Locking Between Domains ........................................................................................ 300
5.3.5
Host Access Protection ............................................................................................. 301
Response to a Restricted Access ...................................................................... 302
5.3.6
Random Number Generator (PC87591S) ................................................................. 303
5.3.7
Signaling Interface ..................................................................................................... 303
5.3.8
Shared Memory Host Registers ................................................................................ 303
Shared Memory Indirect Memory Address Register 0 (SMIMA0) ...................... 304
Shared Memory Indirect Memory Address Register 1 (SMIMA1) ...................... 304
Shared Memory Indirect Memory Address Register 2 (SMIMA2) ...................... 304
Shared Memory Indirect Memory Address Register 3 (SMIMA3) ...................... 304
Shared Memory Indirect Memory Data Register (SMIMD) ................................ 305
Shared Memory Host Control Register (SMHC) ................................................ 305
Shared Memory Host Status Register (SMHST) ............................................... 305
Shared Memory Host Access Protect Register 1 and 2 (SMHAP1-2) ............... 306
Shared Memory Host Semaphore Register (SMHSEM) .................................... 306
5.3.9
Shared Memory Core Registers ................................................................................ 307
Shared Memory Core Control and Status Register (SMCCST) ......................... 307
Shared Memory Core Top Address Register (SMCTA) ..................................... 308
Shared Memory Host Semaphore Register (SMHSEM) .................................... 308
Shared Memory Core Override Read Protect Registers 0-2 (SMCORP0-2) ..... 309
Shared Memory Core Override Write Protect Registers 0-2 (SMCOWP0-2) .... 310
Random Number Generator Control/Status Register, RNGCS (PC87591S) .... 311
Random Number Generator Data Register, RNGD (PC87591S) ...................... 312
5.3.10
Usage Hints ............................................................................................................... 312
5.4
CORE ACCESS TO HOST-CONTROLLED MODULES ......................................................... 313
5.4.1
Core Access to Host-Controlled Module Registers ................................................... 314
Indirect Host I/O Address Register (IHIOA) ....................................................... 314
Indirect Host Data Register (IHD) ...................................................................... 314
Lock SuperI/O Host Access Register (LKSIOHA) ............................................. 315
SuperI/O Access Lock Violation Register (SIOLV) ............................................ 315
Core to SIB Modules Access Enable Register (CRSMAE) ................................ 316
SIB Control Register (SIBCTRL) ....................................................................... 317
5.5
MOBILE SYSTEM WAKE-UP CONTROL (MSWC) ................................................................ 318
5.5.1
Features .................................................................................................................... 318
5.5.2
Wake-Up Event Detection and Status Bits ................................................................ 318
5.5.3
Wake-Up Output Events ............................................................................................ 320
5.5.4
Other MSWC Controlled Elements ............................................................................ 322
Host Configuration Address Selection ............................................................... 322
Host Keyboard Fast Reset ................................................................................. 322
GA20 Pin Functionality ...................................................................................... 322
5.5.5
MSWC Host Registers ............................................................................................... 323
MSWC Host Register Map ................................................................................. 323
Wake-Up Event Status Register 0 (WK_STS0) ................................................. 323
Wake-Up Events Enable Register (WK_EN0) ................................................... 324
Wake-Up Configuration Register (WK_CFG) .................................................... 325
Wake-Up Signals Value Register (WK_SIGV) ................................................... 325
Wake-Up ACPI State Register (WK_STATE) .................................................... 326
Wake-Up Event Routing to SMI Enable Register 0 (WK_SMIEN0) ................... 327
Wake-Up Event Routing to IRQ Enable Register 0 (WK_IRQEN0) ................... 328
5.5.6
MSWC Core Registers .............................................................................................. 328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com